Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MMIEC Datasheet(PDF) 21 Page - NXP Semiconductors

Part # IMX8MMIEC
Description  i.MX 8M Mini Applications Processor Datasheet for Industrial Products
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MMIEC Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button IMX8MMIEC Datasheet HTML 17Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 18Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 19Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 20Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 21Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 22Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 23Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 24Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
Electrical characteristics
i.MX 8M Mini Applications Processor Datasheet for Industrial Products, Rev. 1, 07/2020
NXP Semiconductors
21
remains powered. The M4 core can remain running. Compared with RUN mode, all the external
power rails from the PMIC remain the same, and most of the modules still remain in their state.
•
SUSPEND Mode: The most efficient power saving mode where all the clocks are off and all the
unnecessary power supplies are off.
•
SNVS Mode: This mode is also called RTC mode. Only the power for the SNVS domain remains
on to keep RTC and SNVS logic alive.
•
OFF Mode: All power rails are off.
Table 15 summarizes the external power supply states in all the power modes.
Table 14. Chip power in different LP mode
Mode
Supply
Typ.1
1 All the power numbers defined in the table are for information only. These numbers are based on typical silicon at 25oC, under
non-OS environment and use case dependent. For power numbers with OS and real use cases, see
Power consumption
measurement application note for more details.
Unit
SNVS
VDD_SNVS_0P8 (0.8 V)
0.02
mW
NVCC_SNVS_1P8 (1.8 V)
0.09
Total2
2 Sum of the listed supply rails.
0.11
SUSPEND
NVCC (1.8 V)
1.20
mW
NVCC_DRAM (1.1 V)
0.50
NVCC_ENET (1.8 V)
0.10
NVCC_SNVS_1P8 (1.8 V)
0.10
PVCC (1.8 V)
0.60
VDD_MIPI_0P9 (0.9 V)
2.20
VDD_SNVS_0P8 (0.8 V)
0.10
VDD_SOC (0.82 V)
4.00
VDD_ARM_0P8 (0.82 V)
0.10
VDDA_PCIE_USB_0P8 (0.82 V)
3.00
Total2
11.90
Table 15. The power supply states
Power rail
OFF
SNVS
SUSPEND
IDLE
RUN
VDD_ARM
OFF
OFF
OFF
ON
ON
VDD_SOC
OFF
OFF
ON
ON
ON
VDD_GPU
OFF
OFF
OFF
OFF
ON/OFF
VDD_VPU
OFF
OFF
OFF
OFF
ON/OFF
VDD_DRAM
OFF
OFF
OFF
ON
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com