Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MMIEC Datasheet(PDF) 28 Page - NXP Semiconductors

Part # IMX8MMIEC
Description  i.MX 8M Mini Applications Processor Datasheet for Industrial Products
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MMIEC Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button IMX8MMIEC Datasheet HTML 24Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 25Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 26Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 27Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 28Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 29Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 30Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 31Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
i.MX 8M Mini Applications Processor Datasheet for Industrial Products, Rev. 1, 07/2020
28
NXP Semiconductors
Electrical characteristics
3.4.2
OSC32K
An external 32.768 kHz oscillator is necessary.
3.5
General purpose I/O (GPIO) DC parameters
Table 21 shows DC parameters for GPIO pads. The parameters in Table 21 are guaranteed per the
operating ranges in Table 10, unless otherwise noted.
1 Actual working drive level is depend on real design. Please contact crystal vendor for selecting drive level of crystal.
Table 21. GPIO DC parameters
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
High-level output voltage
VOH (1.8 V)
IOH = 1.6/3.2/6.4/9.6 mA (1.8 V)
IOH = 2/4/8/12 mA (3.3 V)
0.8 x VDD
—
VDD
V
VOH (3.3 V)
0.8 x VDD
—
VDD
V
Low-level output voltage
VOL (1.8 V)
IOL = 1.6/3.2/6.4/9.6 mA (1.8 V)
IOL = 2/4/8/12 mA (3.3 V)
0
—
0.2 x VDD
V
VOL (3.3 V)
0
—
0.2 x VDD
V
High-level input voltage
VIH
—
0.7 x VDD
—
VDD + 0.3
V
Low-level input voltage
VIL
—
-0.3
—
0.3 x VDD
V
Pull-up resistor
—
VDD = 1.65 - 1.95V
Temp = -40 - 105 oC
12
22
49
K
Pull-down resistor
—
13
23
48
K
Pull-up resistor
—
VDD = 2.25 - 2.75V
Temp = -40 - 105 oC
13
24
69
K
Pull-down resistor
—
9.1
33
69
K
Pull-up resistor1
1 Does not support internal pull-up or pull-down for 3.3 V IOs.
—VDD = 3.0 - 3.6V
Temp = -40 - 105 oC
——
—
K
Pull-down resistor1
——
—
—
K
High level input current
IIH
—
-4
—
4
A
Low level input current
IIL
—
-0.7
—
0.7
A
Table 22. Additional leakage parameters
Parameter
Symbol
Pins
Min
Max
Unit
High level input current
IIH
PCIE_RXN, USBx_Dx
-30
30
A
PCIE_CLK
-8
8
MIPI_CSI
-4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com