Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3420 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3420
Description  N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3420 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM3420 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3420 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3420 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3420 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3420 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3420 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Enhancement Mode Power MOSFET
Description
The LM3420 uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with gate
voltages as low as 1.8V. This device is suitable for use as a
uni-directional or bi-directional load switch.
General Features
●
VDS = 20V,ID = 6A
RDS(ON) < 35mΩ @ VGS=2.5V
RDS(ON) < 28mΩ @ VGS=4.5V
●
High Power and current handing capability
●
Lead free product is acquired
●
Surface Mount Package
Application
●
Uni-directional Load switch
●
Bi-directional Load switch
D
G
S
Schematic diagram
SOT-23 top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
3420
LM3420
SOT-23
Ø180mm
8 mm
3000 units
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±10
V
Drain Current-Continuous
ID
6
A
Drain Current-Pulsed
(Note 1)
IDM
30
A
Maximum Power Dissipation
PD
1.25
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient
(Note 2)
RθJA
100
/W
℃
Electrical Characteristics (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
20
22
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V,VGS=0V
-
-
1
μA
Rev : 01.06.2014
1/6
www.leiditech.com
LM3420
N-Channel


Similar Part No. - LM3420

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3420 NSC-LM3420 Datasheet
393Kb / 17P
Lithium-Ion Battery Charge Controller
LM3420 NSC-LM3420 Datasheet
384Kb / 17P
Lithium-Ion Battery Charge Controller
logo
Texas Instruments
LM3420 TI1-LM3420 Datasheet
1Mb / 26P
8.4-V Li-Ion Battery Charge Controller
LM3420 TI2-LM3420 Datasheet
795Kb / 26P
LM3420 8.4-V Li-Ion Battery Charge Controller
REVISED DECEMBER 2014
logo
National Semiconductor ...
LM3420-12.6 NSC-LM3420-12.6 Datasheet
384Kb / 17P
Lithium-Ion Battery Charge Controller
More results

Similar Description - LM3420

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com