Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6002 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM6002
Description  N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM6002 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM6002 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6002 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6002 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6002 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6002 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev :
www.leiditech.com
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
OFF/ON CHARACTERISTICS
STATIC PARAMETERS
Drain-Source Breakdown Voltage
BVDSS
ID =250μA,VGS=0V
100
-
V
Zero Gate Voltage Drain Current
IDSS
VDS =80V,VGS=0V
-
-
1
μA
VDS =80V,VGS=0V
TJ=1255℃
10
Gate-Body Leakage
IGSS
VDS =0V,VGS=±20V
-
-
±100
nA
Gate Threshold Voltage
VGS(th)
VDS =VGS, ID =250μA
1.0
1.5
2.0
V
On-State Drain Current
1
ID(ON)
VDS = 10V, VGS = 10V
18
A
Drain-Source On- Static Resistance
1
RDS(ON)
VGS=10V, ID =2A
-
0.2
0.23
Ω
VGS=5V, ID =1A
-
0.22
0.25
Ω
Forward Transconductance
1
gfs
VDS = 10V, ID = 2A
10
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS =25V,
f=1MHz
-
800
pF
Output Capacitance
COSS
-
80
pF
Reverse Transfer Capacitance
CRSS
-
40
pF
Gate Resistance
Rg
VGS = 0V, VDS = 0V, f =
1MHz
2.5
Ω
Total Gate Charge
2
Qg
VDS = 50V, VGS = 10V, ID =
2A
15
nC
Gate-Source Charge
2
Qgs
2
Gate-Drain Charge
2
QgD
4
Electrical characteristics per line@25℃( unless otherwise specified)
Turn-On Delay Time
2
td(on)
VDD = 50V,ID @ 2A, VGS =
10V, RGS = 6Ω
16
nS
Rise Time
2
tr
330
Turn-Off Delay Time
2
td(off)
39
Fall Time
2
tf
111
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICE ( TJ = 25 °C )
Continuous Current
IS
10
A
Forward Voltage1
VSD
IF = 2A, VGS = 0V
1.4
V
Reverse Recovery Time
trr
IF = 2A, dl/dt = 500A/µS
75
nS
Reverse Recovery Charge
Qrr
0.17
nC
01.06.2014
2/5
LM6002



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com