Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6002 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM6002
Description  N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM6002 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM6002 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6002 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6002 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6002 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6002 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Description
Dimensions SOT-23
Pin Configuration
Rev :
www.leiditech.com
N-Channel MOSFET
LM6002
D(3)
S(2)
G(1)
The MOSFET provide the best combination of fast switching,
low on-resistance and cost-effectiveness.
MOSFET Product Summary
VDS(V)
RDS(on)(Ω)
ID(A)
100
0.23@ VGS=10V
2
Parameter
Symbol
Value
Units
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain
Curren
TA=25℃
ID
2
A
TA=70℃
0.8
Pulsed Drain Current
1
IDM
18
A
Avalanche Current
IAS
18
A
Avalanche Energy
L=0.1mH
EAS
16.5
mJ
Maximum Power Dissipation
TA=25℃
PD
0.75
W
TA=70℃
0.3
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 to 150
℃
Thermal Resistance-Junction to Ambient
RθJA
166
℃
/W
Absolute maximum rating@25℃
01.06.2014
1/5


Similar Part No. - LM6002

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM6003 LEIDITECH-LM6003 Datasheet
1Mb / 6P
N-Channel Enhancement Mode Power MOSFET
LM6003B LEIDITECH-LM6003B Datasheet
7Mb / 6P
N-Channel Enhancement Mode Power MOSFET
logo
Seoul Semiconductor
LM600Z SEOUL-LM600Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
More results

Similar Description - LM6002

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com