Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z87233 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z87233
Description  CMOS Z8-R MCU Consumer Controller Processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87233 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z87233 Datasheet HTML 17Page - Zilog, Inc. Z87233 Datasheet HTML 18Page - Zilog, Inc. Z87233 Datasheet HTML 19Page - Zilog, Inc. Z87233 Datasheet HTML 20Page - Zilog, Inc. Z87233 Datasheet HTML 21Page - Zilog, Inc. Z87233 Datasheet HTML 22Page - Zilog, Inc. Z87233 Datasheet HTML 23Page - Zilog, Inc. Z87233 Datasheet HTML 24Page - Zilog, Inc. Z87233 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
PS022701-0104
Z87233
CMOS Z8“ MCU Consumer Controller Processor
15
Register E0h-EFh is only accessed via working register and
indirect addressing modes.
Stack Pointer.
The internal register file is used for the stack. An 8-bit Stack Pointer
(SPL) is used for the internal stack that resides within the 236 general-purpose
registers. Stack Pointer High (SPH) is used as a general-purpose register.
SPH and SPL are set to 00h after any RESET or Stop-Mode
Recovery.
Counter/Timers.
There are two 8-bit programmable counter/timers (T0–T1), each
driven by its own 6-bit programmable prescaler. The T1 prescaler is driven by
internal or external clock sources; however, the T0 prescaler is driven by the inter-
nal clock only (Figure 10).
The 6-bit prescalers can divide the input frequency of the clock source by any
integer number from 1 to 64. Each prescaler drives its counter, which decrements
the value (1 to 256) that is loaded into the counter. When the counter reaches the
end of the count, a timer interrupt request, IRQ4 (T0) or IRQ5 (T1), is generated.
The counters are programmed to START, STOP, restart to CONTINUE, or restart
from the initial value. The counters can also be programmed to STOP upon reach-
ing 0 (SINGLE-PASS mode) or to automatically reload the initial value and con-
tinue counting (MODULO–N CONTINUOUS mode).
The counters, but not the prescalers, are read at any time without disturbing their
value or count mode. The clock source for T1 is user-definable and is either the
internal microprocessor clock divide-by-four, or an external signal input through
Port 3. The Timer Mode Register configures the external timer input (P31) as an
external clock, a trigger input that is retriggerable or nonretriggerable, or as a gate
input for the internal clock. The counter/timers are cascaded by connecting the T0
output to the input of T1. TIN mode is enabled by setting PRE1 bit D1 to 0.
Note:
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com