Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z87233 Datasheet(PDF) 39 Page - Zilog, Inc.

Part # Z87233
Description  CMOS Z8-R MCU Consumer Controller Processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87233 Datasheet(HTML) 39 Page - Zilog, Inc.

Back Button Z87233 Datasheet HTML 35Page - Zilog, Inc. Z87233 Datasheet HTML 36Page - Zilog, Inc. Z87233 Datasheet HTML 37Page - Zilog, Inc. Z87233 Datasheet HTML 38Page - Zilog, Inc. Z87233 Datasheet HTML 39Page - Zilog, Inc. Z87233 Datasheet HTML 40Page - Zilog, Inc. Z87233 Datasheet HTML 41Page - Zilog, Inc. Z87233 Datasheet HTML 42Page - Zilog, Inc. Z87233 Datasheet HTML 43Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
PS022701-0104
Z87233
CMOS Z8“ MCU Consumer Controller Processor
33
Counter/Timer 1 Register
The Counter/Timer 1 Register, T1, controls timing and counter functions. READ/
WRITE and reset states for bits D7–D0 are listed in Table 17.
Reset State
0
0
0
0
0
000
Note: R = Read, W = Write.
Bit
Position
Bit
Field
R/W
Reset
State
Description
D7–D6
TOUT Mode
R/W
00
TOUT Mode
00: Off
01: T0 Output
10: T1 Output
11: Internal Clock Output
D5–D4
TIN Mode
R/W
00
TIN Mode
00: External Clock Input
01: Gate Input
10: Trigger Input (nonretriggerable)
11: Trigger Input (retriggerable)
D3
T1 Count
R/W
0
T1 Count
0: Disable
1: Enable
D2
T1
R/W
0
T1
0: No Function
1: Load T1
D1
T0 Count
R/W
0
T0 Count
0: Disable
1: Enable
D0
T0
R/W
0
T0
0: No Function
1: Load T0
Table 17. Counter/Timer 1 Register—T1 F2h/R242 Bank 0h: READ/WRITE
Bit
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset State
X
X
X
X
X
XXX
Note: R = Read, W = Write, X = Indeterminate.
Table 16. Timer Mode Register—TMR F1h/R241 Bank 0h: READ/WRITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com