Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8024-RJX+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS8024-RJX+
Description  Smart Card Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8024-RJX+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS8024-RJX+ Datasheet HTML 3Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 4Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 5Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 6Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 7Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 8Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 9Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 10Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DS8024
Smart Card Interface
7
Maxim Integrated
Detailed Description
The DS8024 is an analog front-end for communicating
with 3V and 5V smart cards. Using an integrated
charge pump, the DS8024 can operate from a single
input voltage. The device translates all communication
lines to the correct voltage level and provides power for
smart card operation. It can operate from a wide input
voltage range (3.3V to 6.0V). The DS8024 is compatible
with the NXP TDA8024 and is provided in the same
packages. (Note that the PORADJ pin is not present in
the DS8024. Most applications do not make use of this
input pin, instead using the DS8024’s default reset
threshold.)
Power Supply
The DS8024 can operate from a single supply or a dual
supply. The supply pins for the device are VDD, GND,
VDDA, and PGND. VDD should be in the range of 2.7V
to 6.0V, and is the supply for signals that interface with
the host controller. It should, therefore, be the same
supply as used by the host controller. All smart card
contacts remain inactive during power on or power off.
The internal circuits are kept in the reset state until VDD
reaches VTH2 + VHYS2 and for the duration of the inter-
nal power-on reset pulse, tW. A deactivation sequence
is executed when VDD falls below VTH2.
An internal charge pump and regulator generate the
3V or 5V card supply voltage (VCC). The charge pump
and regulator are supplied by VDDA and PGND. VDDA
should be connected to a minimum 3.3V (maximum
6.0V) supply and should be at a potential that is equal
to or higher than VDD.
The charge pump operates in a 1x (voltage follower) or
2x (voltage doubler) mode depending on the input
VDDA and the selected card voltage (5V or 3V).
• For 5V cards, the DS8024 operates in a 1x mode
for VDDA > 5.8V and in a 2x mode for VDDA < 5.8V.
• For 3V cards, the DS8024 operates in a 1x mode
for VDDA > 4.1V and in a 2x mode for VDDA < 4.0V.
Voltage Supervisor
The voltage supervisor monitors the VDD supply. A
220µs reset pulse (tW) is used internally to keep the
device inactive during power on or power off of the VDD
supply. See Figure 2.
TEMPERATURE
MONITOR
CARD VOLTAGE
GENERATOR
AND
CHARGE PUMP
CLOCK
GENERATION
CONTROL
SEQUENCER
POWER-SUPPLY
SUPERVISOR
I/O TRANSCEIVER
VDD
GND
VDDA
PGND
CP1
CP2
VUP
VCC
XTAL1
XTAL2
CLKDIV1
CLKDIV2
5V/3V
CMDVCC
RSTIN
CGND
RST
CLK
PRES
PRES
I/O
AUX1
AUX2
OFF
I/OIN
AUX1IN
AUX2IN
DS8024
Figure 1. Functional Diagram
VDD
ALARM
(INTERNAL SIGNAL)
POWER ON
tW
tW
POWER OFF
VTH2 + VHYS2
VTH2
SUPPLY DROPOUT
Figure 2. Voltage Supervisor Behavior



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com