Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8024-RJX+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS8024-RJX+
Description  Smart Card Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8024-RJX+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS8024-RJX+ Datasheet HTML 7Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 8Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 9Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 10Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 11Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 12Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 13Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 14Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DS8024
Smart Card Interface
11
Maxim Integrated
Deactivation Sequence
When the host microcontroller is done communicating
with the smart card, it sets the CMDVCC line high to
execute an automatic deactivation sequence and
returns the card interface to the inactive mode.
The following sequence of events occurs during a
deactivation sequence (Figure 5):
1) RST goes low (t10).
2) CLK is held low (t12 = t10 + 0.5
× T), where T is 64
times the period of the internal oscillator (approxi-
mately 25µs).
3) I/O, AUX1, and AUX2 are pulled low (t13 = t10 + T).
4) VCC starts to fall (t14 = t10 + 3T).
5) When VCC reaches its inactive state, the deactiva-
tion sequence is complete (at tDE).
6) All card contacts become low impedance to GND;
I/OIN, AUX1IN, and AUX2IN remain at VDD (pulled
up through an internal 11k
Ω resistor).
7) The internal oscillator returns to its lower frequency.
VCC Generator
The card voltage (VCC) generator can supply up to
80mA continuously at 5V or 65mA at 3V. An internal
overload detector triggers at approximately 120mA.
Current samples to the detector are filtered. This allows
spurious current pulses (with a duration of a few µs) up
to 200mA to be drawn without causing deactivation.
The average current must stay below the specified
maximum current value.
See the
Applications Information section for recommen-
dations to help maintain VCC voltage accuracy.
Fault Detection
The DS8024 integrates circuitry to monitor the following
fault conditions:
• Short-circuit or high current on VCC
• Card removal while the interface is activated
•VDD dropping below threshold
• Card voltage generator operating out of the speci-
fied values (VDDA too low or current consumption
too high)
• Overheating
There are two different cases for how the DS8024
reacts to fault detection (Figure 6):
• Outside a Card Session (CMDVCC High). Output
OFF is low if a card is not in the card reader and
high if a card is in the reader. The VDD supply is
monitored—a decrease in input voltage generates
an internal power-on reset pulse but does not
affect the OFF signal. Short-circuit and tempera-
ture detection are disabled because the card is
not powered up.
• Within a Card Session (CMDVCC Low). Output
OFF goes low when a fault condition is detected,
and an emergency deactivation is performed auto-
matically (Figure 7). When the system controller
resets CMDVCC to high, it may sense the OFF
level again after completing the deactivation
sequence. This distinguishes between a card
extraction and a hardware problem (OFF goes high
again if a card is present). Depending on the con-
nector’s card-present switch (normally closed or
normally open) and the mechanical characteristics
of the switch, bouncing can occur on the PRES sig-
nals at card insertion or withdrawal.
The DS8024 has a debounce feature with an 8ms typi-
cal duration (Figure 6). When a card is inserted, output
OFF goes high after the debounce time delay. When
the card is extracted, an automatic deactivation
sequence of the card is performed on the first true/false
transition on PRES and output OFF goes low.
Stop Mode (Low-Power Mode)
The DS8024 (like the TDA8024) does not support a low-
power stop mode. For applications requiring low-power
support, refer to the DS8113.
Smart Card Power Select
The DS8024 supports two smart card VCC voltages: 3V
and 5V. The power select is controlled by the 5V/3V
signal as shown in Table 3. VCC is 5V if 5V/3V is assert-
ed to a logic-high state, and VCC is 3V if 5V/3V is pulled
to a logic-low state.
Table 3. VCC Select and Operation Mode
5V/3V
CMDVCC
VCC
SELECT (V)
CARD INTERFACE
STATUS
0
0
3
Activated
0
1
3
Inactivated
1
0
5
Activated
1
1
5
Inactivated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com