Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLR64400ROMMCU Datasheet(PDF) 78 Page - Zilog, Inc.

Part # ZLR64400ROMMCU
Description  ZLR64400 ROM MCU with Learning Amplification
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLR64400ROMMCU Datasheet(HTML) 78 Page - Zilog, Inc.

Back Button ZLR64400ROMMCU Datasheet HTML 74Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 75Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 76Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 77Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 78Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 79Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 80Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 81Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 82Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 155 page
background image
PS024502-1205
P R E L I M I N A R Y
Counter/Timer Functional Blocks
ZLR64400 ROM MCU
Product Specification
68
Initiating PING-PONG Mode
First, ensure that both counter/timers are not running. Set T8 into SINGLE-PASS mode
(CTR0, bit 6), set T16 into SINGLE-PASS mode (CTR2, bit 6), and set the Ping-Pong
mode (CTR1 bits [3:2]). These instructions are not consecutive and can occur in random
order. Finally, start PING-PONG mode by enabling either T8 (CTR0, D7) or T16 (CTR2,
D7). The initial value of T8 or T16 must not be ï. If you stop the timer and restart the
timer, reload the initial value to avoid an unknown previous value.
During PING-PONG Mode
The enable bits of T8 and T16 (CTR0, D7; CTR2, D7) are set and cleared alternately by
hardware. The time-out bits (CTR0, bit 5; CTR2, bit 5) are set every time the counter/tim-
ers reach the terminal count.
Timer Output
The output logic for the timers is illustrated in Figure 30. P34 is used to output T8_OUT
when bit 0 of CTR0 is set. P35 is used to output the value of T16_OUT when bit 0 of
CTR2 is set. When bit 6 of CTR1 is set, P36 outputs the logic combination of T8_OUT
and T16_OUT via bits [4:5] of CTR1.
Figure 29. Ping-Pong Mode Diagram
Û²¿¾´»
ÌÝè
Ì·³»óÑ«¬
Û²¿¾´»
ÌÝïê
Ì·³»óÑ«¬
з²¹óб²¹
ÝÌÎï ¼¿¬¿ ¾·¬- ÅíæîÃ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com