Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLR64400ROMMCU Datasheet(PDF) 39 Page - Zilog, Inc.

Part # ZLR64400ROMMCU
Description  ZLR64400 ROM MCU with Learning Amplification
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLR64400ROMMCU Datasheet(HTML) 39 Page - Zilog, Inc.

Back Button ZLR64400ROMMCU Datasheet HTML 35Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 36Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 37Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 38Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 39Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 40Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 41Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 42Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 43Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 155 page
background image
PS024502-1205
P R E L I M I N A R Y
Register File
ZLR64400 ROM MCU
Product Specification
29
Register File
This device features 1056 bytes of register file space, organized in 256-byte banks. Bank 0
contains 237 bytes of RAM addressed as general-purpose registers, 4 port addresses (of
which one is reserved), and 16 control register addresses. Banks 1, 2, and 3 each contain
256 general-purpose register bytes. Banks D and F each contain 16 addresses for control
registers. All other banks are reserved and must not be selected.
The current bank is selected for 8-bit direct or indirect addressing by writing Register
Pointer bits RP[3:0]. In the current bank, a 16-byte working register group (addressed as
R0–R15) is selected by writing RP[7:4]. A working register operand requires only 4 bits
of program memory. There are 16 working register groups per bank. See Figure 9 on
page 31 and Figure 10 on page 32.
Figure 8. Program/Constant Memory Map
Program
IRQ 0–5
or
000Ch (Reset)
ROM Memory
Vectors
0000h
= 16-bit Address
Not to Scale
Constants
FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com