Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCSM170TAM15CTPAG Datasheet(PDF) 4 Page - Microchip Technology

Part # MSCSM170TAM15CTPAG
Description  Triple Phase Leg SiC MOSFET Power Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSCSM170TAM15CTPAG Datasheet(HTML) 4 Page - Microchip Technology

  MSCSM170TAM15CTPAG Datasheet HTML 1Page - Microchip Technology MSCSM170TAM15CTPAG Datasheet HTML 2Page - Microchip Technology MSCSM170TAM15CTPAG Datasheet HTML 3Page - Microchip Technology MSCSM170TAM15CTPAG Datasheet HTML 4Page - Microchip Technology MSCSM170TAM15CTPAG Datasheet HTML 5Page - Microchip Technology MSCSM170TAM15CTPAG Datasheet HTML 6Page - Microchip Technology MSCSM170TAM15CTPAG Datasheet HTML 7Page - Microchip Technology MSCSM170TAM15CTPAG Datasheet HTML 8Page - Microchip Technology MSCSM170TAM15CTPAG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
The following table lists the dynamic characteristics per SiC MOSFET of the MSCSM170TAM15CTPAG device.
Table 1-3. Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input capacitance
VGS = 0 V
VDS = 1000 V
f = 1 MHz
—
9900
—
pF
Coss
Output capacitance
—
450
—
Crss
Reverse transfer
capacitance
—
30
—
Qg
Total gate charge
VGS = –5 V/20 V
VBus = 850 V
ID = 90 A
—
534
—
nC
Qgs
Gate-Source charge
—
147
—
Qgd
Gate-Drain charge
—
81
—
Td(on)
Turn-on delay time
TJ = 150 °C
VGS = –5 V/20 V
VBus = 900 V
ID = 150 A
RG(on) = 1.6 Ω
RG(off) = 0.9 Ω
—
24
—
ns
Tr
Rise time
—
17
—
Td(off)
Turn-off delay time
—
35
—
Tf
Fall time
19
—
Eon
Turn-on energy
VGS = –5 V/20 V
VBus = 900 V
ID = 150 A
RG(on) = 1.6 Ω
RG(off) = 0.9 Ω
TJ = 150 °C —
3.3
—
mJ
Eoff
Turn-off energy
TJ = 150 °C —
0.5
—
RGint
Internal gate resistance
—
1.95
—
Ω
RthJC
Junction-to-case thermal resistance
—
—
0.178
°C/W
The following table lists the body diode ratings and characteristics per SiC MOSFET of the
MSCSM170TAM15CTPAG device.
Table 1-4. Body Diode Ratings and Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
VSD
Diode forward voltage
VGS = 0 V; ISD = 90 A
—
3.7
—
V
VGS = –5 V; ISD = 90 A
—
3.9
—
trr
Reverse recovery time
ISD = 90 A; VGS = –5 V
VR = 900 V; diF/dt = 3000 A/µs
—
27
—
ns
Qrr
Reverse recovery charge
—
1950
—
nC
Irr
Reverse recovery current
—
138
—
A
MSCSM170TAM15CTPAG
Electrical Specifications
© 2021 Microchip Technology Inc.
Datasheet
DS00003964A-page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com