Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCSM170TAM15CTPAG Datasheet(PDF) 1 Page - Microchip Technology

Part # MSCSM170TAM15CTPAG
Description  Triple Phase Leg SiC MOSFET Power Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSCSM170TAM15CTPAG Datasheet(HTML) 1 Page - Microchip Technology

  MSCSM170TAM15CTPAG Datasheet HTML 1Page - Microchip Technology MSCSM170TAM15CTPAG Datasheet HTML 2Page - Microchip Technology MSCSM170TAM15CTPAG Datasheet HTML 3Page - Microchip Technology MSCSM170TAM15CTPAG Datasheet HTML 4Page - Microchip Technology MSCSM170TAM15CTPAG Datasheet HTML 5Page - Microchip Technology MSCSM170TAM15CTPAG Datasheet HTML 6Page - Microchip Technology MSCSM170TAM15CTPAG Datasheet HTML 7Page - Microchip Technology MSCSM170TAM15CTPAG Datasheet HTML 8Page - Microchip Technology MSCSM170TAM15CTPAG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MSCSM170TAM15CTPAG
Triple Phase Leg SiC MOSFET Power Module
Product Overview
The MSCSM170TAM15CTPAG device is a triple phase leg 1700 V, 179 A silicon carbide (SiC) MOSFET power
module.
All ratings at TJ = 25 °C, unless otherwise specified.
Caution: These devices are sensitive to electrostatic discharge. Proper handling procedures must be followed.
© 2021 Microchip Technology Inc.
Datasheet
DS00003964A-page 1


Similar Part No. - MSCSM170TAM15CTPAG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MSCSM170TAM23CTPAG MICROCHIP-MSCSM170TAM23CTPAG Datasheet
853Kb / 17P
Triple Phase Leg SiC MOSFET Power Module
2021
MSCSM170TAM45CT3AG MICROCHIP-MSCSM170TAM45CT3AG Datasheet
852Kb / 17P
Triple Phase Bridge SiC MOSFET Power Module
2021
More results

Similar Description - MSCSM170TAM15CTPAG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM08TAM04P ADPOW-APTM08TAM04P Datasheet
309Kb / 6P
Triple phase leg MOSFET Power Module
APTM50TAM65FP ADPOW-APTM50TAM65FP Datasheet
317Kb / 6P
Triple phase leg MOSFET Power Module
APTM100TA35FP ADPOW-APTM100TA35FP Datasheet
316Kb / 6P
Triple phase leg MOSFET Power Module
logo
Microsemi Corporation
APTM08TAM04PG MICROSEMI-APTM08TAM04PG Datasheet
285Kb / 7P
Triple phase leg MOSFET Power Module
APTM10TAM09FPG MICROSEMI-APTM10TAM09FPG Datasheet
286Kb / 6P
Triple phase leg MOSFET Power Module
logo
Microchip Technology
MSCSM170TAM23CTPAG MICROCHIP-MSCSM170TAM23CTPAG Datasheet
853Kb / 17P
Triple Phase Leg SiC MOSFET Power Module
2021
MSCSM170AM15CT3AG MICROCHIP-MSCSM170AM15CT3AG Datasheet
1Mb / 17P
Phase Leg SiC MOSFET Power Module
A 04/2021
MSCSM170AM23CT1AG MICROCHIP-MSCSM170AM23CT1AG Datasheet
1,021Kb / 17P
Phase Leg SiC MOSFET Power Module
A 04/2021
MSCSM170AM45CT1AG MICROCHIP-MSCSM170AM45CT1AG Datasheet
934Kb / 17P
Phase Leg SiC MOSFET Power Module
A 04/2021
logo
Microsemi Corporation
MSCSM70AM10CT3AG MICROSEMI-MSCSM70AM10CT3AG Datasheet
1Mb / 15P
Phase Leg SiC MOSFET Power Module
April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com