Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXG3141 Datasheet(PDF) 2 Page - Microchip Technology

Part # MXG3141
Description  MXG3141 3D Gesture Controller Data Sheet
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXG3141 Datasheet(HTML) 2 Page - Microchip Technology

  MXG3141 Datasheet HTML 1Page - Microchip Technology MXG3141 Datasheet HTML 2Page - Microchip Technology MXG3141 Datasheet HTML 3Page - Microchip Technology MXG3141 Datasheet HTML 4Page - Microchip Technology MXG3141 Datasheet HTML 5Page - Microchip Technology MXG3141 Datasheet HTML 6Page - Microchip Technology MXG3141 Datasheet HTML 7Page - Microchip Technology MXG3141 Datasheet HTML 8Page - Microchip Technology MXG3141 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
– On-Chip digital filtering
– Automatic frequency hopping
• Enables the Use of Low-Cost Electrode Material Including:
– Printed circuit board
– Conductive paint
– Conductive foil
– Laser Direct Structuring (LDS)
– Touch panel ITO structures
• Field Upgrade Capability
• Operating Voltage: VDD = 3.3V ±5%
• Industrial Operating Temperature Range:
– 40°C to +85°C
• Extended Operating Temperature Range:
– 40°C to +125°C
Peripheral Features
• I2C for Configuration and Sensor Output Streaming
Packages
Part Number
Available Package
Pins
Contact/Lead Pitch
Dimensions
MXG3141
UQFN
48
0.4
6x6x0.5
Note:  All dimensions are in millimeters (mm), unless otherwise specified.
MXG3141
© 2021 Microchip Technology Inc.
Advance Information Datasheet
DS40001975C-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com