Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXG3141 Datasheet(PDF) 13 Page - Microchip Technology

Part # MXG3141
Description  MXG3141 3D Gesture Controller Data Sheet
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXG3141 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MXG3141 Datasheet HTML 9Page - Microchip Technology MXG3141 Datasheet HTML 10Page - Microchip Technology MXG3141 Datasheet HTML 11Page - Microchip Technology MXG3141 Datasheet HTML 12Page - Microchip Technology MXG3141 Datasheet HTML 13Page - Microchip Technology MXG3141 Datasheet HTML 14Page - Microchip Technology MXG3141 Datasheet HTML 15Page - Microchip Technology MXG3141 Datasheet HTML 16Page - Microchip Technology MXG3141 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
5.2
GestIC® Library
The embedded GestIC Library is optimized to ensure continuous and Real-Time Free-Space gesture recognition and
motion tracking concurrently. It is fully-configurable and allows required parametrization for individual application and
external electrodes.
5.3
External Rx Electrodes
Rx electrodes are connected to the MXG3141. An electrode needs to be individually designed following the guide
lines from AN2574, “2D3D Electrode Design Guide” (DS00002574), for optimal E-field distribution and detection of
E-field variations created by a user.
5.3.1
Electrode Equivalent Circuit
The gesture recognition capabilities of a GestIC system depend on the electrode design and their material
characteristics.
A simplified equivalent circuit model of a generic GestIC electrode system is illustrated in the following figure:
Figure 5-2. Electrodes Capacitive Equivalent Circuitry Earth Grounded
CRXTX
CTXG
CRXG
System ground
Transmitter signal
Electrode signal
CH
Earth ground
E-field
VTX
System Ground
eRx
eTx
External Electrodes
VRX
VTx
Tx electrode voltage
VRx
MXG3141 Rx input voltage
CH
Capacitance between receive electrode and hand (earth ground). The user’s hand can always be
considered as earth-grounded due to the comparable large size of the human body.
CRxTx Capacitance between receive and transmit electrodes
CRxG Capacitance of the receive (Rx) electrode to system ground + input capacitance of the MXG3141 receiver
circuit
CTxG Capacitance of the transmit (Tx) electrode to system ground
eRx
Rx electrode
eTx
Tx electrode
The Rx and Tx electrodes in a GestIC electrode system build a capacitance voltage divider with the capacitances
CRxTx and CRxG which are determined by the electrode design. CTxG represents the Tx electrode capacitance to
system ground driven by the Tx signal. The Rx electrode measures the potential of the generated E-field. If a
conductive object (e.g., a hand) approaches the Rx electrode, CH changes its capacitance. This minuscule change
MXG3141
System Architecture
© 2021 Microchip Technology Inc.
Advance Information Datasheet
DS40001975C-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com