Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70100 Datasheet(PDF) 27 Page - Microchip Technology

Part # PD70100
Description  PoE IEEE짰 802.3af/at PD Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70100 Datasheet(HTML) 27 Page - Microchip Technology

Back Button PD70100 Datasheet HTML 23Page - Microchip Technology PD70100 Datasheet HTML 24Page - Microchip Technology PD70100 Datasheet HTML 25Page - Microchip Technology PD70100 Datasheet HTML 26Page - Microchip Technology PD70100 Datasheet HTML 27Page - Microchip Technology PD70100 Datasheet HTML 28Page - Microchip Technology PD70100 Datasheet HTML 29Page - Microchip Technology PD70100 Datasheet HTML 30Page - Microchip Technology PD70100 Datasheet HTML 31Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
9.
Revision History
Revision
Date
Description
A
December/2020
The following is the summary of changes in this revision.
• Migrated this data sheet to the Microchip template.
• Updated the PD-000391083 to DS-00003738A.
• Added the Recommended PCB Layout diagrams.
3.0
October/2019
The following is the summary of changes in this revision.
• Microsemi logo was added to the pin out figures.
• Made formatting changes to application figures.
• Divided Electrical Characteristics table under ten different titles.
2.0
January/2017
The following is the summary of changes.
• Changed MSL from 1 to 3.
• Updated formatting and disclaimer.
1.9
November/2015
In this revision, the maximum value for VSW-START was added.
1.8
May/2015
The following is the summary of changes in this revision.
• Updated differential amplifier and GND connection in figures 2 and
3.
• Added the differential amplifier input (VSN, VSP) to Absolute
Maximum Ratings table.
1.7
November/2014
The following is the summary of changes in this revision.
• Updated information continuous operation load current parameter.
• Updated Pin 3 description.
1.6
March/2014
Updated differential amplifier gain in figure 2.
1.5
February/2014
In this revision, minor formatting corrections were made.
1.4
February/2014
There were general updates in this revision.
1.3
November/2013
The following are the changes in this revision.
• Updated Vcc disable.
• Added note 5 and removed A from 70101A in the package pin out
details.
1.2
June/2012
In this revision, Switching Frequency Accuracy specification limits and
the equation in note 3 were updated.
1.1
February/2012
In this revision, the document's format and address were updated.
1.0
September/2011
Initial Revision.
PD70101 and PD70201
Revision History
© 2020 Microchip Technology Inc.
Datasheet
DS00003738A-page 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com