Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70100 Datasheet(PDF) 13 Page - Microchip Technology

Part # PD70100
Description  PoE IEEE짰 802.3af/at PD Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70100 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PD70100 Datasheet HTML 9Page - Microchip Technology PD70100 Datasheet HTML 10Page - Microchip Technology PD70100 Datasheet HTML 11Page - Microchip Technology PD70100 Datasheet HTML 12Page - Microchip Technology PD70100 Datasheet HTML 13Page - Microchip Technology PD70100 Datasheet HTML 14Page - Microchip Technology PD70100 Datasheet HTML 15Page - Microchip Technology PD70100 Datasheet HTML 16Page - Microchip Technology PD70100 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Table 2-9. Current Sense Amplifier and Current Limit
Symbol
Parameter
Test
Conditions/
Comment
Min
Type
Max
Units
GainCSA
Gain
Measure at
DC
4.75
5.0
5.25
V/V
VCSA_CMR
Input Common
Mode Range
0
2.0
V
Output Rise/
Fall time1
10% to 90%
75
ns
tBLANK
Blanking
Time1
50
100
ns
VILIM_TH
Current Limit
Threshold
1.1
1.2
1.3
V
VIMAX_TH
Current
Maximum
Threshold
1.7
1.8
1.9
V
Table 2-10. Differential Amplifier
Symbol
Parameter
Test
Conditions/
Comment
Min
Type
Max
Units
GainDA
Gain
Measured at
DC
6.86
7.0
7.14
V/V
AVUGBW_DA
Unity Gain
Bandwidth1
5
MHz
VDA_CMR
Common
Mode Range
0
3.5
V
Input Offset
Voltage
–7
7
mV
Input Bias
Current
–1
1
µA
Table 2-11. Output Drivers
Symbol
Parameter
Test
Conditions/
Comment
Min
Type
Max
Units
PG RdsONH
Primary Gate
(PG) High On
Resistance
10
Ω
PG RdsONL
Primary Gate
(PG) Low On
Resistance
5
Ω
SG RdsONH
Secondary
Gate (SG)
High On
Resistance
10
Ω
PD70101 and PD70201
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003738A-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com