Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70200 Datasheet(PDF) 21 Page - Microchip Technology

Part # PD70200
Description  PoE IEEE짰 802.3af/at PD Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70200 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PD70200 Datasheet HTML 17Page - Microchip Technology PD70200 Datasheet HTML 18Page - Microchip Technology PD70200 Datasheet HTML 19Page - Microchip Technology PD70200 Datasheet HTML 20Page - Microchip Technology PD70200 Datasheet HTML 21Page - Microchip Technology PD70200 Datasheet HTML 22Page - Microchip Technology PD70200 Datasheet HTML 23Page - Microchip Technology PD70200 Datasheet HTML 24Page - Microchip Technology PD70200 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
6.
Theory of Operation
The PD70101/PD70201 device theory of operation is described in the following sections.
The PD70101/PD70201 IC integrates IEEE 802.3af/at compliant PD front-end functions including Detection, Physical
Layer Classification, Two-events Classification (PD70201 only), Power Good, Soft Start Current Limiting, Over-
Current Protection, and Bulk Capacitor Discharge with a PWM controller. The integrated PWM controller function
provides a PWM controller solution with a minimum requirement of external components.
6.1
Detection
IEEE 802.3af/at-compliant detection is provided by means of a 24.9 KΩ resistor connected between VPP and RDET
pin. RDET pin is connected to VPN_IN via an open drain MOSFET with a maximum specified RDSON of 50 Ω.
Internal logic monitors VPP to VPN_IN and connects the RDET pin to VPN_IN when the rising VPP to VPN_IN
voltage is between 1.1 V and 10.1 V. When rising VPP to VPN_IN voltages exceed 10.1 V, the MOSFET is switched
off. Once above 10.1 V, falling VPP to VPN_IN voltage between 2.45 V and 4.85 V will reconnect RDET pin to
VPN_IN.
6.2
Physical Layer Classification
Physical Layer (hardware) Classification per IEEE 802.3af/at is generated via a regulated reference voltage of 1.2 V,
switched onto the RCLASS pin. Internal logic monitors the VPP to VPN_IN voltage and connects the 1.2 V reference
to RCLASS pin at a rising VPP to VPN_IN voltage threshold between 11.4 V and 13.7 V. Once VPP to VPN_IN has
exceeded the rising threshold, there is a 1 V typical hysteresis between the VPP rising (turn-on) threshold and the
VPP falling (turn-off) threshold.
The1.2 V reference stays connected to the RCLASS pin until the VPP to VPN_IN rising voltage exceeds the upper
turn-off threshold of 20.9 V to 23.9 V. The 1.2 V reference voltage is disconnected from the RCLASS pin at VPP to
VPN_IN voltages above the upper threshold.
Classification current signature is provided via a resistor connected between RCLASS pin and VPN_IN. The
classification current is therefore the current drawn by the PD70101/PD70201 IC during the classification phase, and
is simply the 1.2 V reference voltage divided by the RCLASS resistor value. The maximum current available at the
RCLASS pin is current limited to 68 mA (typical).
6.3
Two-Events Detection and AT Flag
The PD70201 IC provides IEEE 802.3at Type 2 compliant detection of the two-events classification signature, and
generation of the AT flag. This feature is available on the PD70201 IC only.
The two-events classification signature is a means by which an IEEE 802.3at Type 2 Power Source can inform a
compliant PD that it is AT Type 2 compliant, and as such is capable of providing AT Type 2 power levels.
The Power Source communicates the Type 2-compliant signature by toggling the VPP to VPN_IN voltage twice (2
events) during the Physical Layer Classification phase. The VPP to VPN_IN voltage is toggled from the Physical
Layer Classification’s voltage level (13.5 V to 20.9 V) down to a voltage Mark level. Voltage Mark level is specified as
a VPP to VPN_IN voltage of 4.9 V to 10.1 V.
PD70201 IC recognizes a VPP to VPN_IN falling edge from Classification level to Mark level as being one event of
the Two-Events Signature. If two such falling edges are detected, PD70201 will assert with 80 ms delay AT flag by
means of an open drain MOSFET connected between AT_FLAG pin and VPN_OUT.
AT_FLAG pin is active low; a low impedance state between AT_FLAG and VPN_OUT indicates a valid Two- Events
Classification Signature was received, and the Power Source is AT Type 2 compliant.
AT_FLAG MOSFET is capable of 5 mA of current and can be pulled up to VPP.
PD70101 and PD70201
Theory of Operation
© 2020 Microchip Technology Inc.
Datasheet
DS00003738A-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com