Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70200 Datasheet(PDF) 16 Page - Microchip Technology

Part # PD70200
Description  PoE IEEE짰 802.3af/at PD Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70200 Datasheet(HTML) 16 Page - Microchip Technology

Back Button PD70200 Datasheet HTML 12Page - Microchip Technology PD70200 Datasheet HTML 13Page - Microchip Technology PD70200 Datasheet HTML 14Page - Microchip Technology PD70200 Datasheet HTML 15Page - Microchip Technology PD70200 Datasheet HTML 16Page - Microchip Technology PD70200 Datasheet HTML 17Page - Microchip Technology PD70200 Datasheet HTML 18Page - Microchip Technology PD70200 Datasheet HTML 19Page - Microchip Technology PD70200 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
...........continued
Pin Number
PD70101 Pin
Name
PD70201 Pin Name Description
11
VINS
VINS
VPP input voltage sensing for UVLO comparator. Connect
to an external resistor divider from VPP to GND. Threshold
is 1.2 V reference.
12
HYST
HYST
Output of the VINS/UVLO comparator. This pin is used for
VPP UVLO hysteresis programming.
13
SYNC
SYNC
External Clock synchronization for the DC-DC controller.
Connect an external clock as defined in the EC table to this
pin to synchronize the DC-DC converter switching
frequency to this clock. PG rising edge is synchronized with
the clock rising edge.
14
RFREQ
RFREQ
DC-DC Switching Frequency Setting. Connect a resistor
from this pin to GND to set the switching frequency.
15
SS
SS
Soft-start: Connect a capacitor from this pin to GND to set
the soft-start time of the DC-DC converter. This capacitor is
charged with an internal current source to 1.2 V.
16
RCLP
RCLP
Low Power Mode Clamp. Connect a resistor from this pin to
GND to program the LPM clampimg voltage or connect this
pin to GND to disable LPM.
17
VSN
VSN
Differential Amplifier's negative input. Connect this to the
junction of a resistor divider from Vo- to GND for the Direct
Buck converter application.
18
VSP
VSP
Differential Amplifier's positive input. Connect this to the
junction of a resistor divider from Vo+ to GND for the Direct
Buck converter application.
19
COMP
COMP
Error Amplifier Output. Short to FB pin when driven directly
with an optoisolator for Isolated DC-DC Converter. Connect
to FB via RC compensation networks for Non-Isolated
Direct Buck Converter.
20
DAO
DAO
Differential Amplifier Output. Connect to FB (externally) for
Non-Isolated Direct Buck Converter.
21
FB
FB
Inverting Input of the Error Amplifier. Connect to opto-
coupler for Isolated DC-DC. Connect to RC compensation
networks for Non-isolated DC-DC.
22
GND
GND
This is Analog GND. Connect to a local AGND plane. Soft-
start capacitor and the frequency setting resistor return to
this local GND plane.
23
VL
VL
5 V (GND reference) internal LDO Output. Connect a 1 µF
or higher ceramic cap from VL to GND.
24
SG
SG
Secondary Gate Driver. Output is the compliment of PG
output. Leave open (NC) if not used. SG is low when in Low
Power Skip Mode.
25
PGND
PGND
This is the Power Ground. Connect to a local PGND plane.
Input, VCC decoupling capacitors, PG and SG drivers.
Primary current sense resistor return to this PGND.
PD70101 and PD70201
Pin Configuration
© 2020 Microchip Technology Inc.
Datasheet
DS00003738A-page 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com