Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70101 Datasheet(PDF) 21 Page - Microchip Technology

Part # PD70101
Description  Front-End PD Interface Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70101 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PD70101 Datasheet HTML 17Page - Microchip Technology PD70101 Datasheet HTML 18Page - Microchip Technology PD70101 Datasheet HTML 19Page - Microchip Technology PD70101 Datasheet HTML 20Page - Microchip Technology PD70101 Datasheet HTML 21Page - Microchip Technology PD70101 Datasheet HTML 22Page - Microchip Technology PD70101 Datasheet HTML 23Page - Microchip Technology PD70101 Datasheet HTML 24Page - Microchip Technology PD70101 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
4.
Package Information
This section provides information about the two available packages.
Note:  Dimensions do not include protrusions. These shall not exceed 0.155 mm (0.006 in.) on any side. Lead
dimension shall not include solder coverage. Dimensions are in millimeters, inches for reference only.
4.1
16-Pin Plastic DFN, 5 mm × 4 mm
This section shows the 16-pin plastic DFN, 5 mm × 4 mm package and package dimensions.
Figure 4-1. DFN Package
Table 4-1. Package Dimensions: DFN
Dimension
Millimeters
Inches
Minimum
Maximum
Minimum
Maximum
A
0.80
1.00
0.031
0.039
A1
0.00
0.05
0.000
0.002
A3
0.20 REF
—
0.008 REF
—
D
5.00 BSC
—
0.197 BSC
—
E
4.00 BSC
—
0.157 BSC
—
D2
4.20
4.45
0.165
0.175
E2
2.30
2.55
0.091
0.100
e
0.50 BSC
—
0.0197 BSC
—
K
0.20 MIN
—
0.008 MIN
—
L
0.30
0.50
0.012
0.020
b
0.18
0.30
0.007
0.012
PD70210/PD70210A/PD70210AL
Package Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003695A-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com