Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70101 Datasheet(PDF) 24 Page - Microchip Technology

Part # PD70101
Description  Front-End PD Interface Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70101 Datasheet(HTML) 24 Page - Microchip Technology

Back Button PD70101 Datasheet HTML 20Page - Microchip Technology PD70101 Datasheet HTML 21Page - Microchip Technology PD70101 Datasheet HTML 22Page - Microchip Technology PD70101 Datasheet HTML 23Page - Microchip Technology PD70101 Datasheet HTML 24Page - Microchip Technology PD70101 Datasheet HTML 25Page - Microchip Technology PD70101 Datasheet HTML 26Page - Microchip Technology PD70101 Datasheet HTML 27Page - Microchip Technology PD70101 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
5.
Ordering Information
The following table lists the detailed part ordering information for the PD70210/PD70210A/PD70210AL devices. All
part numbers are RoHS-compliant, Pb-free, and have an ambient temperature range of –40 °C to 85 °C. All parts
also have 2-pair/4-pair HDBaseT support.
Table 5-1. Ordering Information
Part Number
Packaging Type
Package
Part Marketing
Wall
Adapter
Support
Clearance
Between HV
Pins
PD70210ILD-TR
Tape and reel
DFN
5 mm × 4 mm,
0.5 mm pitch
16 pins
MSC
70210
Z Z e31
YYWWNNN2
—
0.2 mm
PD70210AILD-TR
Tape and reel
DFN
5 mm × 4 mm,
0.5 mm pitch
16 pins
MSC
70210A
Z Z e31
YYWWNNN2
Available
0.2 mm
PD70210ALILQ-TR
Tape and reel
QFN
5 mm × 7 mm,
0.5 mm pitch
38 pins
MSC logo
70210AL
Z Z e31,3
YYWWNNN2
Available
1 mm
Notes: 
1.
ZZ e3: ZZ = Random character with no meaning and e3 = Second level interconnect.
2.
YY = Year; WW = Week; NNN = Trace code.
3.
This is a primary option. Other options are also available.
PD70210/PD70210A/PD70210AL
Ordering Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003695A-page 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com