Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201 Datasheet(PDF) 1 Page - Microchip Technology

Part # PD70201
Description  PoE IEEE짰 802.3af/at PD Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70201 Datasheet(HTML) 1 Page - Microchip Technology

  PD70201 Datasheet HTML 1Page - Microchip Technology PD70201 Datasheet HTML 2Page - Microchip Technology PD70201 Datasheet HTML 3Page - Microchip Technology PD70201 Datasheet HTML 4Page - Microchip Technology PD70201 Datasheet HTML 5Page - Microchip Technology PD70201 Datasheet HTML 6Page - Microchip Technology PD70201 Datasheet HTML 7Page - Microchip Technology PD70201 Datasheet HTML 8Page - Microchip Technology PD70201 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
PD70101 and PD70201
PoE IEEE® 802.3af/at PD Controller
Introduction
The PD70101 and PD70201 devices are integrated Powered Device (PD) interface and PWM controllers for a DC-
DC converter used in IEEE
® 802.3af and IEEE® 802.3at applications. The PD70101 device can be used for IEEE
802.3af or IEEE 802.3at Type 1 applications, while the PD70201 device can also be used in IEEE 802.3at Type 2
applications.
A single PD70201 device can be used in 4-pair applications that consume up to 47.7 W.
These devices have a number of features designed to improve efficiency and reliability:
• Detection and Classification: The front-end interface includes detection and classification circuitry. The
detection signature resistor is disconnected upon completion of the detection phase. The system then begins
the classification phase. Classification can be configured for Classes 0 to 4 via an external resistor. The
PD70201 includes a two-events classification identification circuit, which generates a flag to inform the PD
application whether the Power Source Equipment (PSE) is Type 1 or Type 2.
• Capacitor: A current-limited internal MOSFET switch charges the input capacitor of the DC-DC converter. This
capacitor is discharged in a timely manner when the input power is removed.
• Gate drivers: The PWM DC-DC controller has two built-in gate drivers designed to swing between VCC and
GND. These two out-of-phase driver stages can be configured for synchronous rectification or active clamp.
• Peak current mode control: The DC-DC converter employs peak current mode control for better line and load
step response. The switching frequency can be set from 100 kHz to 500 kHz, enabling a size and efficiency
trade off.
• Maximum duty cycle is limited to 50% to reduce the power MOSFET switch voltage to two times the input
voltage; a 150V rated MOSFET can be used for the primary side switch. The secondary synchronous MOSFET
voltage rating depends on the output voltage and can be higher or lower than the primary side MOSFET switch.
• Soft-Start circuit: The devices include a soft-start circuit to control the output voltage rise time (user settable) at
start-up, and to limit the inrush current. An integrated startup bias circuit powers the DC-DC controller, until the
device starts up by the voltage generated by the bootstrap circuit.
• Low Voltage Protection Warning and Monitoring: Dual Under Voltage Lock Out (UVLO), which monitors both
the PoE Port Input Voltage and VCC, ensures reliable operation during any system disturbances. The PoE port
UVLO has a programmable threshold and hysteresis to enable tailoring to the desired turn-on and turn-off
voltage.
An internal current sense amplifier with a Kelvin connection allows the use of an extremely low resistor to measure
the current sense threshold voltage (200 mV) which optimizes efficiency.
Low Power Mode operation is provided to improve efficiency under light loads such as when the PD is in standby.
The user can define at what power level the unit enters low power mode by means of a single resistor value.
© 2020 Microchip Technology Inc.
Datasheet
DS00003738A-page 1


Similar Part No. - PD70201

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD70201 MICROCHIP-PD70201 Datasheet
810Kb / 36P
PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
2020
PD70201 MICROCHIP-PD70201 Datasheet
636Kb / 24P
IEEE짰 802.3af/at PD Front End IC
2020
PD70201 MICROCHIP-PD70201 Datasheet
754Kb / 30P
Front-End PD Interface Controller
2020
logo
Microsemi Corporation
PD70201 MICROSEMI-PD70201 Datasheet
831Kb / 20P
Power Over Ethernet 802.3af/at PD Controller
Rev.2.0, 17-Jan-2017
PD70201ILQ MICROSEMI-PD70201ILQ Datasheet
831Kb / 20P
Power Over Ethernet 802.3af/at PD Controller
Rev.2.0, 17-Jan-2017
More results

Similar Description - PD70201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2376-H TI-TPS2376-H Datasheet
590Kb / 22P
IEEE 802.3af PoE HIGH POWER PD CONTROLLER
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
IEEE 802.3af PoE Powered Device (PD) interface controller
26-Jul-2007
logo
ON Semiconductor
NCP1090 ONSEMI-NCP1090 Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DG ONSEMI-NCP1092DG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DBRG ONSEMI-NCP1092DBRG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1091DBRG ONSEMI-NCP1091DBRG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
IEEE 802.3af/at, PoE, Powered Device, Interface Controller
logo
Microchip Technology
PD70100 MICROCHIP-PD70100 Datasheet
636Kb / 24P
IEEE짰 802.3af/at PD Front End IC
2020
logo
Microsemi Corporation
PD70101 MICROSEMI-PD70101 Datasheet
831Kb / 20P
Power Over Ethernet 802.3af/at PD Controller
Rev.2.0, 17-Jan-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com