Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201 Datasheet(PDF) 15 Page - Microchip Technology

Part # PD70201
Description  PoE IEEE짰 802.3af/at PD Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70201 Datasheet(HTML) 15 Page - Microchip Technology

Back Button PD70201 Datasheet HTML 11Page - Microchip Technology PD70201 Datasheet HTML 12Page - Microchip Technology PD70201 Datasheet HTML 13Page - Microchip Technology PD70201 Datasheet HTML 14Page - Microchip Technology PD70201 Datasheet HTML 15Page - Microchip Technology PD70201 Datasheet HTML 16Page - Microchip Technology PD70201 Datasheet HTML 17Page - Microchip Technology PD70201 Datasheet HTML 18Page - Microchip Technology PD70201 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
3.
Pin Configuration
The following illustration shows the device pin diagram from the top views.
Figure 3-1. Pin Diagram
The following table lists the pin descriptions of the PD70101/PD70201 device.
Table 3-1. Pin Descriptions
Pin Number
PD70101 Pin
Name
PD70201 Pin Name Description
1
RDET
RDET
Valid Detection Resistor: Connect a 24.9 kΩ, 1% resistor
from this pin to VPP.
2
PGOOD
PGOOD
Open Drain Output (active low): This flag is generated to
indicate the power rails (VPN_OUT) are ready.
3
RREF
RREF
Bias current resistor for the PD Interface. Connect a 240k
1% resistor between this pin and VPN_IN.
4
RCLASS
RCLASS
Power Classification Setting: Connect external class resistor
between this pin and VPN_IN.
5
VPN_IN
VPN_IN
VPort Negative Input: Connected to the isolating switch
input N-channel MOSFET source.
6
N/C
N/C
Not used.
7
N/C
AT_FLAG
Open Drain Output (active low): This flag indicates if the
chip detects an IEEE 802.3at compliant PSE.
8
VPN_OUT
VPN_OUT
VPort Negative Output: Connected to the isolating switch
output. N-channel MOSFET Drain.
9
N/C
N/C
Not Used.
10
ENABLE
ENABLE
Logic level Enable input for DC-DC controller. Pulling this
pin to VL turns on the DC-DC controller. This allows the DC-
DC controller to be turned on without power to the PD
interface.
PD70101 and PD70201
Pin Configuration
© 2020 Microchip Technology Inc.
Datasheet
DS00003738A-page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com