Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70200 Datasheet(PDF) 18 Page - Microchip Technology

Part # PD70200
Description  Front-End PD Interface Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70200 Datasheet(HTML) 18 Page - Microchip Technology

Back Button PD70200 Datasheet HTML 14Page - Microchip Technology PD70200 Datasheet HTML 15Page - Microchip Technology PD70200 Datasheet HTML 16Page - Microchip Technology PD70200 Datasheet HTML 17Page - Microchip Technology PD70200 Datasheet HTML 18Page - Microchip Technology PD70200 Datasheet HTML 19Page - Microchip Technology PD70200 Datasheet HTML 20Page - Microchip Technology PD70200 Datasheet HTML 21Page - Microchip Technology PD70200 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
...........continued
Pin
Number
Pin Name
(PD70210A)
Pin Name
(PD70210)
Description
14
4P_HD_FLAG
4P_HD_FLAG
Open drain output. This pin gets actively pulled low when
a 4-pair HDBaseT PD-PSE mutually identifies each other
through classification. In PD70210A, there is a minimum
80 ms delay from the moment that the input capacitor is
fully charged to this signal activity. In PD70210, this flag
asserts once inrush current is ended. Signal is referenced
to VPN_OUT.
15
WA_EN
While this input is low (referenced to VPN_IN), the chip
works according to internal flow diagram. When this input
is high, it enables the wall adapter feature. Place from
100 nF/10 V to 1 μF/10 V capacitor from WA_EN to
VPN_IN pins, close to the device. When WA_EN is not
used, connect it to VPN_IN. For more information, see
Figure 1-3.
PGOOD
Open drain output. Power good output signal from the
front-end stage. This pin gets actively pulled low when
power-on occurs. There is a minimum 80 ms delay from
the moment VPort exceeds UVLO ( ~36 V) to this
PGOOD signal being driven low as per the IEEE
standard, to allow the PSE to increase its current limit
after power-up is completed. Signal is referenced to
VPN_OUT.
16
VAUX
VAUX
Auxiliary voltage rail. This can be used to provide a few
mA of startup current for the PWM controller (typically,
10.5 V). Signal is referenced to VPN_OUT and is
activated once the front-end power-up sequence ends.
DC-DC must not start up until Vaux is active.
EPAD
EPAD
Connected on PCB plane to VPN_IN.
The following table lists the pin descriptions for the PD70210AL device.
Table 3-2. PD70210AL Pin Descriptions
Pin Number
Pin Name
Description
1, 2
NA
3
SUPP_S1
Input pin for sensing the voltage on the diode bridge connected to the data
pairs. This pin, along with the SUPP_S2 pin, can be used to distinguish
between 2-pair and 4-pair operation for PSEs that operate in 4-pairs but do
not generate the classification procedure on both pairs, but one pair only.
Signal is referenced to VPN_IN. Place a 10 KΩ resistor in the input of this
pin.
4
SUPP_S2
Input pin for sensing the voltage on the diode bridge connected to the data
pairs. This pin, along with the SUPP_S1 pin, can be used to distinguish
between 2-pair and 4-pair operation for PSEs that operate in 4-pairs but do
not generate the classification procedure on both pairs, but one pair only.
Signal is referenced to VPN_IN. Place a 10 KΩ resistor in the input of this
pin.
5,6
NA
PD70210/PD70210A/PD70210AL
Pin Descriptions
© 2020 Microchip Technology Inc.
Datasheet
DS00003695A-page 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com