Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70200 Datasheet(PDF) 8 Page - Microchip Technology

Part # PD70200
Description  Front-End PD Interface Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70200 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PD70200 Datasheet HTML 4Page - Microchip Technology PD70200 Datasheet HTML 5Page - Microchip Technology PD70200 Datasheet HTML 6Page - Microchip Technology PD70200 Datasheet HTML 7Page - Microchip Technology PD70200 Datasheet HTML 8Page - Microchip Technology PD70200 Datasheet HTML 9Page - Microchip Technology PD70200 Datasheet HTML 10Page - Microchip Technology PD70200 Datasheet HTML 11Page - Microchip Technology PD70200 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
The following figure shows a detailed view of the resistors to be selected in an external adapter connection.
Figure 1-5. External Power Input Resistors Dividers
R4
R3
R2
R1
VPNo
VPNin
(-) Input
(+)
Input
PD IC EN
Q1
100n
F
100n
F
R1 and R2 sets a threshold for Pfet Q1 enable to detect an external adapter. It must be set to a lower threshold than
PD70210A disable levels. R3 and R4 sets the PD70210A disable threshold. Therefore, in 36 V–57 V external
adapter, the disable settings are selected as follows:
• Pfet enable threshold = 30 V.
• R1 and R2 setting must be the value of Q1 VGS < 20 V at the maximum voltage condition of the external
adapter.
• When the external adapter voltage is more than 30 V, Q1 is more than its VGSTH value.
• R1 is selected as 2 KΩ.
• Using R1 = 2 KΩ, Vext_adapter = 30 V, and VGS = maximum VGSTH = 3.5 V, provides the R2 value as 15 KΩ.
• R3 and R4 are set to the range of few KΩ to tens of KΩ using the following equation.
• Using R3 = 15 KΩ, Vext_adapter = 33.7 V, and PD70210A_WA_EN = 2.4 V as turn-off minimum threshold from
the datasheet, solving the equation gives the valid resistor values for an adapter of 36 V and above.
The values are: R3 = 15 KΩ and R4 = 1.15 KΩ.
For more information and various adapter connection methods, see AN3472 Implementing AUX Power in PoE
Application Note.
PD70210/PD70210A/PD70210AL
Functional Descriptions
© 2020 Microchip Technology Inc.
Datasheet
DS00003695A-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com