Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT823 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74ACT823
Description  9-Bit D Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ACT823 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74ACT823 Datasheet HTML 1Page - National Semiconductor (TI) 74ACT823 Datasheet HTML 2Page - National Semiconductor (TI) 74ACT823 Datasheet HTML 3Page - National Semiconductor (TI) 74ACT823 Datasheet HTML 4Page - National Semiconductor (TI) 74ACT823 Datasheet HTML 5Page - National Semiconductor (TI) 74ACT823 Datasheet HTML 6Page - National Semiconductor (TI) 74ACT823 Datasheet HTML 7Page - National Semiconductor (TI) 74ACT823 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Functional Description
The ’ACT823 consists of nine D-type edge-triggered flip-
flops These have TRI-STATE outputs for bus systems or-
ganized with inputs and outputs on opposite sides The buff-
ered clock (CP) and buffered Output Enable (OE) are com-
mon to all flip-flops The flip-flops will store the state of their
individual D inputs that meet the setup and hold time re-
quirements on the LOW-to-HIGH CP transition With OE
LOW the contents of the flip-flops are available at the out-
puts When OE is HIGH the outputs go to the high imped-
ance state Operation of the OE input does not affect
the state of the flip-flops In addition to the Clock and Output
Enable pins there are Clear (CLR) and Clock Enable (EN)
pins These devices are ideal for parity bus interfacing in
high performance systems
When CLR is LOW and OE is LOW the outputs are LOW
When CLR is HIGH data can be entered into the flip-flops
When EN is LOW data on the inputs is transferred to the
outputs on the LOW-to-HIGH clock transition When the EN
is HIGH the outputs do not change state regardless of the
data or clock input transitions
Function Table
Inputs
Internal
Output
Function
OE
CLR
EN
CP
D
Q
O
HX
L
L
L
L
Z
High Z
HX
L
L
H
H
Z
High Z
H
L
X
X
X
L
Z
Clear
L
L
X
X
X
L
L
Clear
H
H
H
X
X
NC
Z
Hold
L
H
H
X
X
NC
NC
Hold
HH
L
L
L
L
Z
Load
HH
L
L
H
H
Z
Load
LH
L
L
L
L
L
Load
LH
L
L
H
H
H
Load
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
Z e High Impedance
L e LOW-to-HIGH Transition
NC e No Change
Logic Diagram
TLF9894 – 5
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com