Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT823 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74ACT823
Description  9-Bit D Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ACT823 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74ACT823 Datasheet HTML 1Page - National Semiconductor (TI) 74ACT823 Datasheet HTML 2Page - National Semiconductor (TI) 74ACT823 Datasheet HTML 3Page - National Semiconductor (TI) 74ACT823 Datasheet HTML 4Page - National Semiconductor (TI) 74ACT823 Datasheet HTML 5Page - National Semiconductor (TI) 74ACT823 Datasheet HTML 6Page - National Semiconductor (TI) 74ACT823 Datasheet HTML 7Page - National Semiconductor (TI) 74ACT823 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF9894
March 1993
54ACT74ACT823
9-Bit D Flip-Flop
General Description
The ’ACT823 is a 9-bit buffered register It features Clock
Enable and Clear which are ideal for parity bus interfacing in
high
performance
microprogramming
systems
The
’ACT823 offers noninverting outputs and is fully compatible
with AMD’s Am29823
Features
Y
Outputs sourcesink 24 mA
Y
TRI-STATE
outputs for bus interfacing
Y
Inputs and outputs are on opposite sides
Y
’ACT823 has TTL-compatible inputs
Logic Symbols
Connection Diagrams
TLF9894 – 1
IEEEIEC
TLF9894 – 2
Pin Assignment
for DIP Flatpak and SOIC
TLF9894 – 3
Pin Assignment
for LCC
TLF9894 – 4
Pin Names
Description
D0–D8
Data Inputs
O0–O8
Data Outputs
OE
Output Enable
CLR
Clear
CP
Clock Input
EN
Clock Enable
FACTTM is a trademark of National Semiconductor Corporation
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 74ACT823

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT823 FAIRCHILD-74ACT823 Datasheet
76Kb / 7P
9-Bit D-Type Flip-Flop
74ACT823MTC FAIRCHILD-74ACT823MTC Datasheet
76Kb / 7P
9-Bit D-Type Flip-Flop
74ACT823SC FAIRCHILD-74ACT823SC Datasheet
76Kb / 7P
9-Bit D-Type Flip-Flop
74ACT823SPC FAIRCHILD-74ACT823SPC Datasheet
76Kb / 7P
9-Bit D-Type Flip-Flop
More results

Similar Description - 74ACT823

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACT823 NSC-54ACT823 Datasheet
134Kb / 8P
9-Bit D Flip-Flop
54ACT825 NSC-54ACT825 Datasheet
158Kb / 8P
8-Bit D Flip-Flop
54F823SDM NSC-54F823SDM Datasheet
158Kb / 8P
9-Bit D-Type Flip-Flop
logo
ON Semiconductor
MC10E131 ONSEMI-MC10E131 Datasheet
104Kb / 4P
4-BIT D FLIP-FLOP
1996 REV 3
logo
Fairchild Semiconductor
74ACT823 FAIRCHILD-74ACT823 Datasheet
76Kb / 7P
9-Bit D-Type Flip-Flop
74F823 FAIRCHILD-74F823 Datasheet
52Kb / 6P
9-Bit D-Type Flip-Flop
logo
Micrel Semiconductor
SY10E131 MICREL-SY10E131 Datasheet
74Kb / 4P
4-BIT D FLIP-FLOP
logo
Fairchild Semiconductor
74F823 FAIRCHILD-74F823_00 Datasheet
62Kb / 6P
9-Bit D-Type Flip-Flop
logo
Micrel Semiconductor
SY10E131 MICREL-SY10E131_06 Datasheet
64Kb / 5P
4-BIT D FLIP-FLOP
logo
Semtech Corporation
SK10E131PJ SEMTECH-SK10E131PJ Datasheet
113Kb / 4P
4-bit D Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com