Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70211 Datasheet(PDF) 9 Page - Microchip Technology

Part # PD70211
Description  Front-End PD Interface Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70211 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PD70211 Datasheet HTML 5Page - Microchip Technology PD70211 Datasheet HTML 6Page - Microchip Technology PD70211 Datasheet HTML 7Page - Microchip Technology PD70211 Datasheet HTML 8Page - Microchip Technology PD70211 Datasheet HTML 9Page - Microchip Technology PD70211 Datasheet HTML 10Page - Microchip Technology PD70211 Datasheet HTML 11Page - Microchip Technology PD70211 Datasheet HTML 12Page - Microchip Technology PD70211 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
1.3
Flags
The following truth table lists the flags status.
Table 1-1. Truth Table for Status of Flags
Number of
Fingers "N"
(N-Event
Classification)
SUPP_S1
SUPP_S2
AT_FLAG
HD_FLAG
4P_AT_FLAG
4P_HD_FLAG
1
X
X
Hi Z
Hi Z
Hi Z
Hi Z
2
H
L
0 V
Hi Z
Hi Z
Hi Z
2
L
H
0 V
Hi Z
Hi Z
Hi Z
2
H
H
0 V
Hi Z
0 V
Hi Z
3
L
H
0 V
0 V
Hi Z
Hi Z
3
H
L
0 V
0 V
Hi Z
Hi Z
3
H
H
0 V
0 V
0 V
Hi Z
4
X
X
0 V
0 V
0 V
Hi Z
5
Reserved for future
6
X
X
0 V
0 V
0 V
Hi Z
Note:  A flag's state is set only once at port turn on, while VPP-VPNin voltage crosses UVLOON. If SUPP_S1 and
SUPP_S2 pins are changing after port turn on, the flags do not change accordingly.
PD70210/PD70210A/PD70210AL
Functional Descriptions
© 2020 Microchip Technology Inc.
Datasheet
DS00003695A-page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com