Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70211 Datasheet(PDF) 17 Page - Microchip Technology

Part # PD70211
Description  Front-End PD Interface Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70211 Datasheet(HTML) 17 Page - Microchip Technology

Back Button PD70211 Datasheet HTML 13Page - Microchip Technology PD70211 Datasheet HTML 14Page - Microchip Technology PD70211 Datasheet HTML 15Page - Microchip Technology PD70211 Datasheet HTML 16Page - Microchip Technology PD70211 Datasheet HTML 17Page - Microchip Technology PD70211 Datasheet HTML 18Page - Microchip Technology PD70211 Datasheet HTML 19Page - Microchip Technology PD70211 Datasheet HTML 20Page - Microchip Technology PD70211 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
...........continued
Pin
Number
Pin Name
(PD70210A)
Pin Name
(PD70210)
Description
4
SUPP_S2
SUPP_S2
Input pin for sensing the voltage on the diode bridge
connected to the data pairs. This pin, along with the
SUPP_S1 pin, can be used to distinguish between 2-pair
and 4-pair operation for PSEs that operate in 4-pairs but
do not generate the classification procedure on both
pairs, but one pair only. Signal is referenced to VPN_IN.
Place a 10 KΩ resistor in the input of this pin.
5
RREF
RREF
Bias current resistor. A 60.4 KΩ 1 % resistor is connected
between RREF and IC ground (VPN_IN).
6
RCLS
RCLS
Sets the class of the PD. Connect RCLASS (programming
resistor) between this pin and IC ground (VPN_IN).
Allowed values are 133 Ω, 69.8 Ω, 45.3 Ω, and 30.9 Ω for
Class 1, 2, 3, and 4, respectively. If RCLASS is not
present, the PD will draw up to 3 mA during classification,
indicating Class 0 (default type 1) to the PSE. Signal is
referenced to VPN_IN.
7,8
VPN_IN
VPN_IN
Lower rail of the incoming PSE voltage rail, from the
negative terminal of the two OR-ed bridge rectifiers. The
corresponding upper PoE rail is VPP.
9,10
VPN_OUT
VPN_OUT
In effect, the switched ground for establishing continuity to
the PWM section after successful detection, classification,
and power-up. It is connected to the power ground and
PWM controller IC’s ground plane of the DC–DC
converter section.
11
AT_FLAG
AT_FLAG
Open drain output. This pin gets actively pulled low when
a type 2 PD-PSE mutually identifies each other through
classification. In PD70210A, there is a minimum 80 ms
delay from the moment that the input capacitor is fully
charged to this signal activity. In PD70210, this flag
asserts once inrush current is ended. Signal is referenced
to VPN_OUT.
12
HD_FLAG
HD_FLAG
Open drain output. This pin gets actively pulled low when
a 2-pair HDBaseT PD-PSE mutually identifies each other
through classification. In PD70210A, there is a minimum
80 ms delay from the moment that the input capacitor is
fully charged to this signal activity. In PD70210, this flag
asserts once inrush current is ended. Signal is referenced
to VPN_OUT.
13
4P_AT_FLAG
4P_AT_FLAG
Open drain output. This pin gets actively pulled low when
a 4-pair version of a (non-standard) type 2 PD-PSE
mutually identifies each other through classification. In
PD70210A, there is a minimum 80 ms delay from the
moment that the input capacitor is fully charged to this
signal activity. In PD70210, this flag asserts once inrush
current is ended. Signal is referenced to VPN_OUT.
PD70210/PD70210A/PD70210AL
Pin Descriptions
© 2020 Microchip Technology Inc.
Datasheet
DS00003695A-page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com