Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

165 Datasheet(PDF) 1 Page - 3M Electronics

Part # 165
Description  Vinyl Electrical Tape 165
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

165 Datasheet(HTML) 1 Page - 3M Electronics

  165 Datasheet HTML 1Page - 3M Electronics 165 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
3M™ Temflex™ Vinyl Electrical Tape 165
Data Sheet
October 2020
Properties
Notes:
1.
In accordance with the National Electrical Code, NFPA 70
2.
In accordance with Canadian Electrical Code, Part 1
3.
ASTM D1000 Test Method - properties measured at room temperature 73°F (23°C) unless otherwise stated
Product Description
3M Temflex Vinyl Electrical Tape 165 is a 6-mil thick, multi-purpose flame-retardant vinyl
insulating tape available in 10 colors. It is designed to perform in ambient temperatures up to
194°F (90°C). The tape is conformable for cold weather application down to 32°F (0°C). It has
excellent resistance to abrasion, moisture, alkalies, acid, copper corrosion and varying weather
conditions. The combination of an elastic PVC backing and pressure-sensitive rubber-based
adhesive provides electrical and mechanical protection with minimum bulk.
• Suitable for moderate indoor & weather protected outdoor uses
• For residential, commercial and manufacturing (OEM) environments
• Color-coding for phase identification, wire marking and safety
• Electrical insulation for wire and cable splices rated up to 600 volts
• Harnessing and bundling of wires and cables
• Wire pulling and fishing
Physical Properties
Value
Imperial (Metric)
Electrical Properties
Value
Imperial (Metric)
Temperature Rating - UL 5101
176°F (80°C)
Voltage Rating
UL 5101
CSA2
600 V
1000 V
Temperature Rating
CSA - C22.2 No. 1972
32°F (0°C)
194°F (90°C)
Dielectric Strength3 - Minimum
Standard Condition
After Humidity Conditioning
1000 V/mil (40 kV/mm)
90% of std.
Color - Visual
Black, Blue, Brown, Gray,
Green, Orange, Red, Purple,
White, Yellow
Insulation Resistance3 - Minimum
(High Humidity Method)
1x106 megohms
Flame Retardant - UL 510
Pass
Mechanical Properties
Value
Imperial (Metric)
Thickness3 - Nominal
6 mils (0.152 mm)
Adhesion to Steel3 - Minimum
18 oz/in (2.0 N/cm)
Adhesion to Backing3 - Minimum
18 oz/in (2.0 N/cm)
Breaking Strength3 - Minimum
13 lb/in (23 N/cm)
Elongation3 - Nominal
200%
Agency Approvals &
Self Certifications
• UL Listed: UL 510 Standard “Insulating Tape”, Category OANZ, File No. E129200
• CSA Listed: C22.2 No.197 “PVC Insulating Tape”, File No. 048769, Class 9052-02
• For Regulatory information including RoHS, REACH, please visit www.3M.com/regs


Similar Part No. - 165

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
165 GILWAY-165 Datasheet
44Kb / 1P
Unbased Lens-End Lamps
logo
Bi technologies
165 BITECH-165 Datasheet
46Kb / 3P
Custom Hybrid Military Grade Microcircuit
logo
France Joint
165 FRANCEJOINT-165 Datasheet
394Kb / 6P
ROD SEALS
logo
Adafruit Industries
165 ADAFRUIT-165 Datasheet
317Kb / 2P
TMP36 - Analog Temperature sensor
6-16-23
logo
Walther-Werke
165 WALTHER-165 Datasheet
437Kb / 4P
Channel installation sockets IP 44
More results

Similar Description - 165

ManufacturerPart #DatasheetDescription
logo
3M Electronics
TAPE35 3M-TAPE35 Datasheet
50Kb / 2P
Vinyl Electrical Tape 35
Jul-2011
1400 3M-1400 Datasheet
37Kb / 2P
Economy Vinyl Electrical Tape 1400
Feb-2010
1700 3M-1700 Datasheet
30Kb / 2P
3M Temflex Vinyl Electrical Tape 1700
Nov-2011
SUPER33 3M-SUPER33 Datasheet
32Kb / 3P
Vinyl Electrical Tape
Rev D
TAPE22 3M-TAPE22 Datasheet
30Kb / 4P
Heavy Duty Vinyl Electrical Tape 22
Rev D
TAPE35 3M-TAPE35_17 Datasheet
45Kb / 2P
Vinyl Electrical Tape 35
Rev F
TAPE88 3M-TAPE88 Datasheet
53Kb / 3P
Vinyl Electrical Tape Super 88
Jul-2011
TEMFLEX1300 3M-TEMFLEX1300 Datasheet
88Kb / 2P
Vinyl Electrical Tape
66R 3M-66R Datasheet
33Kb / 3P
Scotch짰 Vinyl Electrical Tape 66R
175 3M-175 Datasheet
127Kb / 2P
3M Temflex Vinyl Electrical Tape 175
Rev C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com