Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100 Datasheet(PDF) 5 Page - 3M Electronics

Part # 4100
Description  Single-Coated Foam Tapes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4100 Datasheet(HTML) 5 Page - 3M Electronics

  4100 Datasheet HTML 1Page - 3M Electronics 4100 Datasheet HTML 2Page - 3M Electronics 4100 Datasheet HTML 3Page - 3M Electronics 4100 Datasheet HTML 4Page - 3M Electronics 4100 Datasheet HTML 5Page - 3M Electronics 4100 Datasheet HTML 6Page - 3M Electronics 4100 Datasheet HTML 7Page - 3M Electronics 4100 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3M™ Single-Coated Foam Tapes
4100 • 4300 • 4500 • 4700 Series
- 5 -
Typical Physical Properties
(continued)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
3M™ Vinyl Foam Tape
Test Methods
Units
4504
4508
4516
Adhesive Type:*
430
430
430
Approximate Thickness:
inch (mm)
0.250 (6.4)
0.125 (3.2)
0.062 (1.6)
Thickness Tolerance:
%15
15
20
Color:
Black
Black
Black
Release Liner:
inch (mm)
0.003 (0.08)
0.003 (0.08)
0.003 (0.08)
Liner Color:
White
White
White
Standard Length:
yard (meter)
18 (16.5)
36 (32.9)
36 (32.9)
Maximum Length:
yard (meter)
25 (22.9)
50 (45.7)
100 (91.4)
Standard Roll Diameter:
inch (mm)
15 (380)
15 (380)
11 (280)
Available Widths: (Min.-Max.)
inch (mm)
1/4-44 (6-1118)
1/4-44 (6-1118)
1/8-44 (3-1118)
Normal Slitting Tolerance:
inch (mm)
± 1/32 (± .8)
± 1/32 (± .8)
± 1/32 (± .8)
Density:
ASTM D-3574
lb/cu ft (kg/cu m)
20 (320)
20 (320)
25 (400)
Foam with adhesive
Hardness:
ASTM D-2240
Shore 00
50
50
55
Foam with adhesive
Compression Deflection:
ASTM D-3574
psi (kPa)
4 (27.6)
4 (27.6)
4 (27.6)
Compress 25%
Compress Set:
ASTM D-1667
% loss
15
15
15
Tensile Strength:
ASTM D-3574
psi (kPa)
90 (620)
100 (690)
130 (895)
Die “A”
Elongation:
ASTM D-3574
%
200
200
200
Die “A”
Thermal Conductivity:
ASTM C-518
BTU/hr/°F/sq ft/
0.3 (0.043)
0.3 (0.043)
0.3 (0.043)
inch (W/m-K)
Dielectric Strength:
ASTM D-149
volts/mil
50
100
140
Surface Resistivity:
ASTM D-257
ohms/sq
1 x 1011
4 x 1010
1 x 1010
Non-adhesive side
Surface Resistivity:
ASTM D-257
ohms/sq
2 x 1011
1 x 1011
2 x 1011
Adhesive side
Water Absorption:
ASTM D-1056
% by Volume
5
5
5
30% Compression
Flammability Recognition:
UL 94HBF
meets
yes
yes
yes
Foam with adhesive
File #E76581
requirements
Flammability Recognition:
F.M.V.S.S. 302
meets
yes
yes
yes
Foam with adhesive
requirements
Flammability Recognition:
F.A.R. 25.853 B-2
meets
yes
yes
yes
Foam with adhesive
requirements
Flammability Recognition:
F.A.R. 25.853 B-3
meets
yes
yes
yes
Foam with adhesive
requirements
Mold Resistance:
ASTM G21-70
Growth after
none
none
none
Foam with adhesive
28 days
*3M™ Adhesive 430 is a medium soft adhesive system that offers good quick stick to many types of surfaces along with
excellent aging and UV resistance.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com