Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100 Datasheet(PDF) 1 Page - 3M Electronics

Part # 4100
Description  Single-Coated Foam Tapes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4100 Datasheet(HTML) 1 Page - 3M Electronics

  4100 Datasheet HTML 1Page - 3M Electronics 4100 Datasheet HTML 2Page - 3M Electronics 4100 Datasheet HTML 3Page - 3M Electronics 4100 Datasheet HTML 4Page - 3M Electronics 4100 Datasheet HTML 5Page - 3M Electronics 4100 Datasheet HTML 6Page - 3M Electronics 4100 Datasheet HTML 7Page - 3M Electronics 4100 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3
Single-Coated Foam Tapes
4100 • 4300 • 4500 • 4700 Series
Product Description
3M™ Single-Coated Foam Tapes will adhere to a variety of substrates, including
latex-painted wood, lacquered wood, enameled steel, glass, aluminum, stainless steel,
acrylic, ABS, and PVC (non-plasticized) as tape adhesion is typically satisfactory
within 20 minutes and continues to build with additional time.
Technical Data
May, 2008
Products
3M™ Urethane Foam Tape Series 4100
3M™ Urethane Foam Tape 4104
1/4 in.
(6.4 mm) thick
3M™ Urethane Foam Tape 4108
1/8 in.
(3.2 mm) thick
3M™ Urethane Foam Tape 4116
1/16 in.
(1.6 mm) thick
3M™ Urethane Foam Tape Series 4300
3M™ Urethane Foam Tape 4314
1/4 in.
(6.4 mm) thick
3M™ Urethane Foam Tape 4317
3/8 in.
(9.5 mm) thick
3M™ Urethane Foam Tape 4318
1/8 in.
(3.2 mm) thick
3M™ Vinyl Foam Tape Series 4500
3M™ Vinyl Foam Tape 4504
1/4 in.
(6.4 mm) thick
3M™ Vinyl Foam Tape 4508
1/8 in.
(3.2 mm) thick
3M™ Vinyl Foam Tape 4516
1/16 in.
(1.6 mm) thick
3M™ Vinyl Foam Tape Series 4700
3M™ Vinyl Foam Tape 4714
1/4 in.
(6.4 mm) thick
3M™ Vinyl Foam Tape 4718
1/8 in.
(3.2 mm) thick
3M™ Vinyl Foam Tape 4726
1/16 in.
(1.6 mm) thick
Note: The user is responsible for determining whether the tape is fit for a particular
purpose and suitable for user’s method of application.


Similar Part No. - 4100

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
4100 CANDD-4100 Datasheet
172Kb / 1P
Toroidal Surface Mount Inductors
logo
Powerbox
4100 POWERBOX-4100 Datasheet
353Kb / 1P
10W - 33KV SINGLEOUTPUT DC / DC INDUSTRIAL
logo
Cypress Semiconductor
4100 CYPRESS-4100 Datasheet
987Kb / 43P
Programmable System-on-Chip (PSoC짰)
logo
Murata Power Solutions ...
4100 MURATA-PS-4100 Datasheet
186Kb / 2P
Toroidal Surface Mount Inductors
logo
Adafruit Industries
4100 ADAFRUIT-4100 Datasheet
1Mb / 2P
Small Alligator Clip Test Lead (set of 6)
2-8-19
More results

Similar Description - 4100

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9546 3M-9546 Datasheet
43Kb / 2P
Double Coated Polyethylene Foam Tape
Aug-2001
4430 3M-4430 Datasheet
45Kb / 2P
Double Coated Foam Tape
Oct-1993
4004 3M-4004 Datasheet
109Kb / 5P
Double Coated Urethane Foam Tapes
May-2006
9492MP 3M-9492MP Datasheet
189Kb / 4P
Double Coated Tapes
Nov-2011
9781 3M-9781 Datasheet
51Kb / 2P
3MTM PVC Single Coated Foam Medical Tape
Feb-2007
R3257 3M-R3257 Datasheet
221Kb / 2P
Repulpable Double-Coated Tapes
Mar-2014
R3187 3M-R3187 Datasheet
220Kb / 2P
Repulpable Single-Coated Tapes
Mar-2014
9738 3M-9738 Datasheet
346Kb / 3P
3M Double Coated Splicing Tapes
4108 3M-4108 Datasheet
161Kb / 6P
3M™ Single-Coated Urethane Foam Tape 4108
May-2008
9474LE 3M-9474LE Datasheet
185Kb / 4P
Double Coated Tapes 9474LE ??9495LE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com