Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL1815D Datasheet(PDF) 1 Page - Integral Corp.

Part # IL1815D
Description  AMPLIFIER IC FOR SENSORS WITH DIFFERENT CONDUCTANCE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL1815D Datasheet(HTML) 1 Page - Integral Corp.

  IL1815D Datasheet HTML 1Page - Integral Corp. IL1815D Datasheet HTML 2Page - Integral Corp. IL1815D Datasheet HTML 3Page - Integral Corp. IL1815D Datasheet HTML 4Page - Integral Corp. IL1815D Datasheet HTML 5Page - Integral Corp. IL1815D Datasheet HTML 6Page - Integral Corp. IL1815D Datasheet HTML 7Page - Integral Corp. IL1815D Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IL1815
1
AMPLIFIER IC FOR SENSORS WITH DIFFERENT CONDUCTANCE
Functional Description
Designed IC is an integrated circuit (IC) of the
amplifier for sensors with different conductance.
IL1815 – is an IC of adaptive amplifier
increasing analog signal from the sensor and
transmitting a strobe of pulses from IC output
into electrical circuit of motor engine control
device. The amplifier ensures one short output
pulse leading edge of which coincides with
negative half-wave, crossing zero of input
analog signal produced by alternating magnetic
field of inductive sensor coil.
TA = –40 ÷ +125°С
Functions
IC is purposed for application in automotive electronics in injection controller block as
well as in engine control system for:
• crankshaft position (condition) control;
• Switching when crossing zero;
• engine rotation speed control;
• tachometer (rotation speed measurement);
• engine check (testing).
IC IL1815 is analog to microcircuit of the third integration scale and comprises 131 elements.
The circuit is implemented in 14-pin DIP-package of MS-001AA (IL1815N) type and in 14-pin SO-
package of MS-012AB (IL1815D) type.
Connection of loading of 1 kOhm to IC output (to pin 10) is tolerable.
Features
• Adaptive hysteresis
• One-polar power supply mode
• Influence of «ground» on input
• Precise choice of the initial ignition moment
•
•
• Operation in the supply voltage range of 2,5 V up to 12 V
• control of input (pin 3) by signal coming into external resistor with amplitude from 75 mV up to
120V.
•
Compatibility with CMOS - logic


Similar Part No. - IL1815D

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL1 SIEMENS-IL1 Datasheet
81Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Vishay Siliconix
IL1 VISHAY-IL1 Datasheet
141Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
26-Oct-04
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-May-08
logo
ISOCOM COMPONENTS
IL1 ISOCOM-IL1 Datasheet
87Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY
logo
Vishay Siliconix
IL1-X006 VISHAY-IL1-X006 Datasheet
141Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
26-Oct-04
More results

Similar Description - IL1815D

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR36685 SHARP-LR36685 Datasheet
63Kb / 8P
Vertical Driver IC for CCD Area Sensors
logo
Panasonic Semiconductor
AN8771NFH PANASONIC-AN8771NFH Datasheet
147Kb / 11P
Pre-amplifier IC for MD
logo
NXP Semiconductors
UF21 PHILIPS-UF21 Datasheet
626Kb / 17P
PENTODE with variable mutual conductance for use as H.F., I.F. and L.F. amplifier
19.8.1948
logo
Sanyo Semicon Device
EC4K11MF SANYO-EC4K11MF Datasheet
42Kb / 3P
CMOS IC Amplifier IC for Condenser Microphone
logo
NXP Semiconductors
EF89 PHILIPS-EF89 Datasheet
281Kb / 11P
PENTODE WITH VARIABLE MUTUAL CONDUCTANCE FOR USE AS R.F. or I.F. AMPLIFIER
12.12.1955
logo
Axiomtek Co., Ltd.
ETB9F000 AXIOMTEK-ETB9F000 Datasheet
194Kb / 1P
DualView with different content & resolution
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9702 AVAGO-APDS-9702 Datasheet
250Kb / 16P
Signal Conditioning IC for Optical Proximity Sensors with Digital I2C Interface
logo
Nippon Precision Circui...
SM3473A NPC-SM3473A Datasheet
411Kb / 10P
Interpolation IC for MR Sensors
logo
Renesas Technology Corp
ZSSC3240 RENESAS-ZSSC3240 Datasheet
1Mb / 64P
Sensor Signal Conditioner IC for Resistive Sensors
ZSSC3240 RENESAS-ZSSC3240_V01 Datasheet
1Mb / 64P
Sensor Signal Conditioner IC for Resistive Sensors
Apr.28.21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com