Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL1815D Datasheet(PDF) 2 Page - Integral Corp.

Part # IL1815D
Description  AMPLIFIER IC FOR SENSORS WITH DIFFERENT CONDUCTANCE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL1815D Datasheet(HTML) 2 Page - Integral Corp.

  IL1815D Datasheet HTML 1Page - Integral Corp. IL1815D Datasheet HTML 2Page - Integral Corp. IL1815D Datasheet HTML 3Page - Integral Corp. IL1815D Datasheet HTML 4Page - Integral Corp. IL1815D Datasheet HTML 5Page - Integral Corp. IL1815D Datasheet HTML 6Page - Integral Corp. IL1815D Datasheet HTML 7Page - Integral Corp. IL1815D Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IL1815
2
Pin symbols.
NC
01
14
SYN2
GND
02
13
NC
IN
03
Plastic
12
CN3
NC
04
DIP or SO -
11
C1
CN1
05
package
10
GO
NC
06
09
SYN1
CN2
07
08
VP
Pin description table.
Table of pin description in IC IL1815N (for 14-pin DIP package of MS-001AA type) and IC
IL1815D (for 14-pin SO package of MS-012AB type)
Number
Symbol
Description
01
NC
Not connected
02
GND
Common output
03
IN
Signal input
04
NC
Not connected
05
CN1
Input of sensitivity threshold control
06
NC
Not connected
07
CN2
Output of capacitance peak detector
08
Vp
Supply output from voltage source
09
SYN1
Synchronization input
10
GO
Gate output
11
CI
Choice input
12
CN3
Reference voltage output
13
NC
Not connected
14
SYN2
Output of RC – synchronization



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com