Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILA19002 Datasheet(PDF) 12 Page - Integral Corp.

Part # ILA19002
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

ILA19002 Datasheet(HTML) 12 Page - Integral Corp.

Back Button ILA19002 Datasheet HTML 4Page - Integral Corp. ILA19002 Datasheet HTML 5Page - Integral Corp. ILA19002 Datasheet HTML 6Page - Integral Corp. ILA19002 Datasheet HTML 7Page - Integral Corp. ILA19002 Datasheet HTML 8Page - Integral Corp. ILA19002 Datasheet HTML 9Page - Integral Corp. ILA19002 Datasheet HTML 10Page - Integral Corp. ILA19002 Datasheet HTML 11Page - Integral Corp. ILA19002 Datasheet HTML 12Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ILA19002
Korzhenevskogo 12, Minsk, 220108, Republic of
Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 212 24 70, 212 24 61,
212 69 16
E-mail: office@bms.by
URL: www.bms.by
12
Parts List for Application Circuit: Figure 2
Item
Symbol
Description
Detail
1
IC-1
ILA19002
DIP-14
2
XTAL
Crystal, 3.5795MHz
Colour burst TV
3
RSH
Resistor
Note 1
4
R1
Resistor, 1%, metal
Note 2
5
R2
Resistor, 1%, metal
Note 2
6
R3
Resistor, 390k, (230VAC), 1%, metal
7
R4
Resistor, 1M, 1/4W, 1%, metal
8
R6
Resistor, 24k, 1/4W, metal
9
R7
Resistor, 24k, 1/4W, 1%, metal
10
R8
Resistor, 2.2k, 1/4W, 1%, metal
11
R9
Resistor, 2.2k, 1/4W, 1%, metal
12
C9
Capacitor, 820nF
Note 3
13
C10
Capacitor, 100nF
14
C11
Capacitor
Note 4
15
CT
Current transformer
Note 1: See TYPICAL APPLICATIONS when selecting the value of RSH.
Note 2: Resistor (R1and R2) values are dependant upon the selected value of RSH.
Note 3: Capacitor (C9) to be positioned as close to Supply Pins (VDD & VSS) of IC-1,
as possible.
Note 4: Capacitor (C11) selected to minimize phase error introduced by current transformer
(typically 1.5µF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com