Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILA19002 Datasheet(PDF) 2 Page - Integral Corp.

Part # ILA19002
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

ILA19002 Datasheet(HTML) 2 Page - Integral Corp.

  ILA19002 Datasheet HTML 1Page - Integral Corp. ILA19002 Datasheet HTML 2Page - Integral Corp. ILA19002 Datasheet HTML 3Page - Integral Corp. ILA19002 Datasheet HTML 4Page - Integral Corp. ILA19002 Datasheet HTML 5Page - Integral Corp. ILA19002 Datasheet HTML 6Page - Integral Corp. ILA19002 Datasheet HTML 7Page - Integral Corp. ILA19002 Datasheet HTML 8Page - Integral Corp. ILA19002 Datasheet HTML 9Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ILA19002
Korzhenevskogo 12, Minsk, 220108, Republic of
Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 212 24 70, 212 24 61,
212 69 16
E-mail: office@bms.by
URL: www.bms.by
2
BLOCK DIAGRAM
POWER
TO
FREQU-
ENCY
POWER INTEGRATOR
ANALOG
SIGNAL
PROCESSING
OSC
TIMING
VOLTAGE
REF
.
VSS
VDD
IVP
FOUT
IIP
IIN
FMO
DIR
OSC1
OSC2
GND
VREF
ABSOLUTE MAXIMUM RATINGS*
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VDD -VSS
-0.3
6.0
V
Current on any Pin
IPIN
-150
+150
mA
Storage Temperature
TSTG
-40
+125
°C
Operating Temperature
TO
-40
+85
°C
* Stresses above those listed under "Absolute Maximum Ratings" may cause permanent
damage to the device. This is a stress rating only. Functional operation of the device at
these or any other conditions above those indicated in the operation sections of this
specification, is not implied. Exposure to Absolute Maximum Ratings for extended periods
may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com