Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-761 Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AMD-761
Description  AMD-761-TM System Controller Software/BIOS Design Guide
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-761 Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AMD-761 Datasheet HTML 35Page - Advanced Micro Devices AMD-761 Datasheet HTML 36Page - Advanced Micro Devices AMD-761 Datasheet HTML 37Page - Advanced Micro Devices AMD-761 Datasheet HTML 38Page - Advanced Micro Devices AMD-761 Datasheet HTML 39Page - Advanced Micro Devices AMD-761 Datasheet HTML 40Page - Advanced Micro Devices AMD-761 Datasheet HTML 41Page - Advanced Micro Devices AMD-761 Datasheet HTML 42Page - Advanced Micro Devices AMD-761 Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 264 page
background image
Chapter 2
AMD-761™ System Controller Programmer’s Interface
27
24081D—February 2002
AMD-761™ System Controller Software/BIOS Design Guide
Preliminary Information
2.4.3
Device 0: PCI Configuration Registers
In Table 6, the column entitled Offset consists of the register
number specified in the Configuration Address register bits
[7:2] concatenated with 0b00 to form a simple 1-byte offset.
Reserved configuration registers return 0 when read.
Table 6.
Device 0, Function 0 Configuration Register Map
Host to PCI Bridge (Device 0, Function 0)
Offset
Reference
Device ID
Vendor ID
0x00–0x03
“Dev0:F0:0x00”
on page 30
Status
Command
0x04–0x07
“Dev0:F0:0x04”
on page 32
Class Code = 0x060000
Revision ID
0x08–0x0B
“Dev0:F0:0x08”
on page 35
Reserved
Header Type
Latency Timer
Reserved
0x0C–0x0F
“Dev0:F0:0x0C”
on page 36
BAR0 - AGP Virtual Address Space
0x10–0x13
“Dev0:F0:0x10”
on page 37
BAR1 - GART Memory-Mapped Control Registers Pointer
0x14–0x17
“Dev0:F0:0x14”
on page 39
Reserved
0x18–0x1B
Reserved
0x1C–0x33
Reserved
Capabilities
Pointer: A0
0x34–0x37
“Dev0:F0:0x34”
on page 41
Reserved
0x38–0x43
Extended BIU Control
0x44–0x53
“Dev0:F0:0x44”
on page 42
ECC Mode/Status
0x48–0x4B
“Dev0:F0:0x48”
on page 44
PCI Control
0x4C–0x4F
“Dev0:F0:0x4C”
on page 47
AMD Athlon™ Processor System Bus Dynamic Compensation
0x50–0x53
“Dev0:F0:0x50”
on page 49
DRAM Timing
0x54–0x57
“Dev0:F0:0x54”
on page 51
DRAM Mode/Status
0x58–0x5B
“Dev0:F0:0x58”
on page 56
Reserved
0x5C–0x5F
BIU0 Status/Control
0x60–0x63
“Dev0:F0:0x60”
on page 61
BIU0 SIP
0x64–0x67
“Dev0:F0:0x64”
on page 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com