Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-761 Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AMD-761
Description  AMD-761-TM System Controller Software/BIOS Design Guide
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-761 Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AMD-761 Datasheet HTML 9Page - Advanced Micro Devices AMD-761 Datasheet HTML 10Page - Advanced Micro Devices AMD-761 Datasheet HTML 11Page - Advanced Micro Devices AMD-761 Datasheet HTML 12Page - Advanced Micro Devices AMD-761 Datasheet HTML 13Page - Advanced Micro Devices AMD-761 Datasheet HTML 14Page - Advanced Micro Devices AMD-761 Datasheet HTML 15Page - Advanced Micro Devices AMD-761 Datasheet HTML 16Page - Advanced Micro Devices AMD-761 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 264 page
background image
Chapter 1
Overview
1
24081D—February 2002
AMD-761™ System Controller Software/BIOS Design Guide
Preliminary Information
1
Overview
The AMD Athlon™ processor powers the next generation in computing
platforms, delivering the ultimate performance for cutting-edge
applications and an unprecedented computing experience.
Th e AMD-76 1™ sys t em contro ll er prov i d es s t andard
Northbridge functionality for desktop personal computers
usi n g the AM D A t h l o n™ f a mi l y o f pr oce sso r s . T h i s
functionality includes the processor interface as well as PCI,
AGP, and main memory interface implementing state of the art
Double Data Rate (DDR) synchronous DRAM technology.
This document provides information typically required for
development of the system BIOS and device drivers to properly
program the AMD-761 system controller configuration
registers. The document is organized as follows:
„
Section 1 provides an overview of the general BIOS
requirements for initializing the AMD-761 system controller
configuration registers.
„
Section 2 on page 9 contains a description of all AMD-761
system controller configuration registers.
„
Section 3 on page 149 contains additional information on
setup of the DDR SDRAM interface configuration registers.
„
Section 4 on page 185 contains additional information on
configuration of the power management features of the
AMD-761 system controller.
„
Section 5 on page 195 contains additional information on
setup of the PCI bus interface configuration registers.
„
Section 6 on page 205 contains additional information on
setup of the AGP interface configuration registers.
„
Section 7 on page 211 contains a list of recommended
settings for many of the
AMD-761 system controller
configuration registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com