Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BIS00HH Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BIS00HH
Description  LF (70/455 kHz)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS00HH Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BIS00HH Datasheet HTML 1Page - Balluff Korea Ltd. BIS00HH Datasheet HTML 2Page - Balluff Korea Ltd. BIS00HH Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LF (70/455 kHz)
BIS C-60R-003-08P-PU-05
Order Code: BIS00HH
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 136555
ETIM 6.0: EC002998
BIS00HH_2.1_2021-03-29
1 / 3
1) Sensing surface, 2) Clear zone, 3) data valid, 4) Cable bending radius, 5) strip, 6) standard length, 7) Tightening
torque, 8) see remarks
Basic features
Antenna type
round
Approval/Conformity
CE
WEEE
EAC
EN 55011
Size 1, Cl. A
Principle of operation
Read/write device
Display/Operation
CT present/not present
LED on/off
Electrical connection
Cable length L
5 m
Conductor cross-section
0.18 mm² (13x)
Connection
15-pin
Connection type
Cable (shielded), 5.00 m, PU
Input 0 V DC, wire color
Light BU
Input 0 V DC, wire cross-section
0.5 mm²
Input 24 V DC, wire color
WH
Input 24 V DC, wire cross-section
0.5 mm²


Similar Part No. - BIS00HH

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS00H6 BALLUFF-BIS00H6 Datasheet
144Kb / 3P
LF (70/455 kHz)
BIS00H7 BALLUFF-BIS00H7 Datasheet
144Kb / 3P
LF (70/455 kHz)
BIS00H8 BALLUFF-BIS00H8 Datasheet
144Kb / 3P
LF (70/455 kHz)
BIS00H9 BALLUFF-BIS00H9 Datasheet
150Kb / 3P
LF (70/455 kHz)
BIS00HA BALLUFF-BIS00HA Datasheet
150Kb / 3P
LF (70/455 kHz)
More results

Similar Description - BIS00HH

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS00L4 BALLUFF-BIS00L4 Datasheet
175Kb / 3P
LF (70/455 kHz)
BAE0095 BALLUFF-BAE0095 Datasheet
91Kb / 1P
LF (70/455 kHz)
BAE0096 BALLUFF-BAE0096 Datasheet
91Kb / 1P
LF (70/455 kHz)
BAM012C BALLUFF-BAM012C Datasheet
103Kb / 1P
LF (70/455 kHz)
BIS000K BALLUFF-BIS000K Datasheet
112Kb / 2P
LF (70/455 kHz)
BIS000M BALLUFF-BIS000M Datasheet
102Kb / 2P
LF (70/455 kHz)
BIS000N BALLUFF-BIS000N Datasheet
104Kb / 2P
LF (70/455 kHz)
BIS00AZ BALLUFF-BIS00AZ Datasheet
142Kb / 3P
LF (70/455 kHz)
BIS00J4 BALLUFF-BIS00J4 Datasheet
108Kb / 2P
LF (70/455 kHz)
BIS00N7 BALLUFF-BIS00N7 Datasheet
139Kb / 3P
LF (70/455 kHz)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com