Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BIS00HH Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIS00HH
Description  LF (70/455 kHz)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS00HH Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIS00HH Datasheet HTML 1Page - Balluff Korea Ltd. BIS00HH Datasheet HTML 2Page - Balluff Korea Ltd. BIS00HH Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LF (70/455 kHz)
BIS C-60R-003-08P-PU-05
Order Code: BIS00HH
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 136555
ETIM 6.0: EC002998
BIS00HH_2.1_2021-03-29
2 / 3
Electrical data
Control input
1 (optocoupler isolated)
Control output
11
PNP
Control voltage active
17…27 V
Control voltage inactive
0…6 V
Current consumption max. at 24 V DC 300 mA
Input AD 0
OG/BK
Input AD-COM
YE/BK
Input current max. at 24 V
3 mA
Operating voltage Ub
19.2...26.4 VDC
Output bit 0
BN
Output bit 1
RD
Output bit 2
OG
Output bit 3
YE
Output bit 4
GN
Output bit 5
BU
Output bit 6
VT
Output bit 7
GY
Output error
RD/BK
Shield
colorless
Strobe output
BN/BK
Environmental conditions
Ambient temperature
0...50 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
IP rating
IP67
Functional safety
MTTF (40 °C)
26 a
Interface
Interface
2x8 bits parallel dynamic
Material
Housing material
Brass, nickel plated
Housing material, surface protection nickel-plated
Material jacket
PU
Mechanical data
Application weight
330.00 g
Dimension
Ø 30 x 95 mm
Installation
metal-free (clear zone)
Size
M30x1.5
Remarks
Values are under rated conditions unless otherwise specified.
When installing, the technical standards and regulations of the corresponding countries must be observed.
Use included nuts for installation.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com