Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZBVG3 Datasheet(PDF) 1 Page - Schneider Electric

Part # ZBVG3
Description  Harmony, 22mm Push Button, light module, integral LED 120 VAC, green, screw clamp terminals
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZBVG3 Datasheet(HTML) 1 Page - Schneider Electric

  ZBVG3 Datasheet HTML 1Page - Schneider Electric ZBVG3 Datasheet HTML 2Page - Schneider Electric ZBVG3 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
Harmony, 22mm Push Button, light
module, integral LED 120 VAC,
green, screw clamp terminals
ZBVG3
Product availability : Stock - Normally stocked in distribution
facility
Price* : 52.00 USD
Main
Range of product
Harmony XB4
Harmony XB5
Product or Component Type
Light block
Device short name
ZBV
Sale per indivisible quantity
5
Connections - terminals
Screw clamp terminals, <= 2 x 1.5 mm² with cable end EN 60947-1
Screw clamp terminals, >= 1 x 0.22 mm² without cable end EN 60947-1
Signalling type
Steady
Light source
Protected LED
Bulb base
Integral LED
Light block supply
Direct
Light source colour
Green
[Us] rated supply voltage
110...120 V AC 50/60 Hz
Complementary
Product Weight
0.04 lb(US) (0.017 kg)
Tightening torque
7.08…10.62 lbf.in (0.8…1.2 N.m) EN 60947-1
Shape of screw head
Cross Philips no 1
Cross compatible with pozidriv No 1 screwdriver
Slotted compatible with flat Ø 4 mm screwdriver
Slotted compatible with flat Ø 5.5 mm screwdriver
Current Consumption
14 mA
Service life
100000 h at rated voltage and 25 °C
Surge withstand
1 kV IEC 61000-4-5
Mounting of block
Front mounting
Electrical composition code
M1
M2
M3
M4
M5
M6
M10
MF1
P1
P2
PF1
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Oct 28, 2021
1


Similar Part No. - ZBVG3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZBVG3 ETC1-ZBVG3 Datasheet
687Kb / 12P
Body/contact assemblies - Screw clamp terminal connections
logo
Schneider Electric
ZBVG33 SCHNEIDER-ZBVG33 Datasheet
160Kb / 3P
Light block, Harmony XB4, Harmony XB5, green for head 횠22 mm integral LED 110...120 V faston connector
31 March 2022
ZBVG34 SCHNEIDER-ZBVG34 Datasheet
167Kb / 4P
Light block, Harmony XB5, Harmony XB4, green for head 횠22 mm integral LED 110...120 V plug in connector
Nov 1, 2021
ZBVG35 SCHNEIDER-ZBVG35 Datasheet
145Kb / 4P
Harmony XB4, Light block for head 횠22, green, integral LED, spring clamp terminal, 110??20 V AC
Nov 1, 2021
More results

Similar Description - ZBVG3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XB4BA33115 SCHNEIDER-XB4BA33115 Datasheet
131Kb / 3P
22mm push button, Harmony XB4, metal base. green full guard push button, 1NO contact, spring clamp terminals, marked clamp terminals, marked clamp terminals, marked I
Sep 28, 2021
ZB4BW333 SCHNEIDER-ZB4BW333 Datasheet
382Kb / 13P
Harmony, 22mm Push Button, illuminated push button head, flush, spring return, green, for integral LED
Oct 4, 2021
ZBVB3 SCHNEIDER-ZBVB3 Datasheet
135Kb / 3P
Harmony, 22mm Push Button, light module, integral LED 24 VAC/DC, green, screw clamp terminals
Oct 28, 2021
ZBV18G4 SCHNEIDER-ZBV18G4 Datasheet
136Kb / 3P
Light block, Harmony XB4, Harmony XB5, red flashing for head 횠22 mm integral LED 120 V screw clamp terminals
Nov 1, 2021
ZBVG1 SCHNEIDER-ZBVG1 Datasheet
134Kb / 3P
Harmony, 22mm Push Button, light module, integral LED 120 VAC, white, screw clamp terminals
Oct 28, 2021
ZC1BM102 SCHNEIDER-ZC1BM102 Datasheet
142Kb / 3P
Contact block, Harmony XB4, push button ZC1, screw clamp terminals
Oct 28, 2021
ZB2BE101 SCHNEIDER-ZB2BE101 Datasheet
107Kb / 2P
Harmony, 22mm Push Button, add on contact block, 1 NO, screw clamp terminal
Sep 20, 2021
ZB4BW343 SCHNEIDER-ZB4BW343 Datasheet
167Kb / 8P
Harmony, 22mm Push Button, illuminated push button head, flush, spring return, red, for integral LED
Aug 17, 2019
ZALVG3 SCHNEIDER-ZALVG3 Datasheet
137Kb / 3P
green light block for head 횠22 integral LED 48..120 V - screw clamp terminals
Mar 16, 2022
ZENL1111 SCHNEIDER-ZENL1111 Datasheet
128Kb / 3P
Harmony, 22mm Push Button, contact block, panel mount, 1 NO, screw clamp terminal
Mar 16, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com