Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-142A-FREQ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HS-142A-FREQ
Description  CRYSTAL CLOCK OSCILLATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HS-142A-FREQ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HS-142A-FREQ Datasheet HTML 1Page - List of Unclassifed Manufacturers HS-142A-FREQ Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
CMOS
HS-1420 Series
Description
The HS-1420 Series of quartz crystal oscillators provide enable/disable 3-state CMOS compatible signals
for bus connected systems. Supplying Pin 1 of the HS-1420 units with a logic “1" or open enables its
output. In the disabled mode, output pin presents a high impedance to the load. All units are resistance
welded in an all metal package, offering RFI shielding, and are designed to survive standard wave soldering
operations without damage. Insulated standoffs to enhance board cleaning are standard.
Features
• Wide frequency range– 0.5MHz to 85MHz
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 3000g
• All metal, resistance weld, hermetically sealed
package
• Low Jitter
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• Low power consumption
• Gold plated leads - Solder dipped leads available
upon request
Electrical Connection
Pin
Connection
1
Enable Input
7
Grd & Case
8
Output
14
V
DD
Dimensions are in inches and (MM)
CRYSTAL CLOCK OSCILLATORS
Data Sheet 9420C
Rev. M


Similar Part No. - HS-142A-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-1420 NEL-HS-1420_10 Datasheet
111Kb / 2P
Supplying Pin 1 of the HS-1420 units with a logic 1 or open enables its output
More results

Similar Description - HS-142A-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-2830 NEL-HS-2830 Datasheet
262Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SN-A2970 NEL-SN-A2970 Datasheet
33Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SU-A369X NEL-SU-A369X Datasheet
144Kb / 2P
CRYSTAL CLOCK OSCILLATORS
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
Crystal Clock Oscillators
logo
Abracon Corporation
ASL ABRACON-ASL Datasheet
258Kb / 1P
CRYSTAL CLOCK OSCILLATORS
Rev. B 01/2003
ACPEL ABRACON-ACPEL_08 Datasheet
156Kb / 2P
CRYSTAL CLOCK OSCILLATORS
Revised C: 03.11.08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com