Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-142A-FREQ Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HS-142A-FREQ
Description  CRYSTAL CLOCK OSCILLATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HS-142A-FREQ Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HS-142A-FREQ Datasheet HTML 1Page - List of Unclassifed Manufacturers HS-142A-FREQ Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
HS-1420 Series
Continued
CMOS
Operating Conditions and Output Characteristics
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Frequency
-----
-----
0.5MHz
-----
85.0MHz
Duty Cycle
-----
@ V
DD /2
45/55%
-----
55/45%
Logic 0
V
OL
@ 600µA
-----
-----
0.2V
Logic 1
V
OH
@ 600µA
V
DD-0.2V
-----
-----
Rise & Fall Time
tr,tf
10-90% <40MHz
-----
-----
8 ns
40MHz or greater
-----
-----
6 ns
Tpz
-----
-----
-----
-----
25 ns
Enable/Disable
Logic High Voltage
-----
-----
3.5V
-----
-----
Enable/Disable
Logic Low Voltage
-----
-----
-----
-----
1.5V
Jitter, RMS(2)
-----
<40MHz Fund
-----
-----
8 psec
<40MHz OT & >40MHz
-----
-----
5 psec
Frequency Stability (1)
dF/F
Overall conditions including:
-100ppm
-----
+100ppm
voltage, calibration, temp.,
10 yr aging, shock, vibration
General Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Supply Voltage
V
DD
-----
4.75V
5.0V
5.25V
Supply Current
I
DD
No Load
0.0 mA
-----
50mA
Output current
I
O
-----
0.0 mA
-----
±16.0 mA
Operating temperature
T
A
-----
0°C
-----
70°C
Storage temperature
T
S
-----
-55°C
-----
125°C
Power Dissipation
P
D
-----
-----
-----
263 mW
Lead temperature
T
L
Soldering, 10 sec.
-----
-----
300°C
Load
----
-----
-----
-----
15pf
Start-up time
t
S
-----
-----
2 ms
10 ms
Environmental and Mechanical Characteristics
Mechanical Shock
Per MIL-STD-202, Method 213, Condition E
Thermal Shock
Per MIL-STD-833, Method 1011, Condition A
Vibration
0.060" double amplitude 10 Hz to 55 Hz, 35g’s 55Hz to 2000 Hz
Soldering Condition
300°C for 10 seconds
Hermetic Seal
Leak rate less than 1 x 10 -8 atm.cc/sec of helium
Footnotes:
1) Standard frequency stability (±20,±25,±50ppm & others available)
2) Jitter performance is frequency dependent. Please contact factory for full characterization.
Test Load:
Rev. M
CRYSTAL CLOCK OSCILLATORS
HS - A142X - FREQ
Package Code
Tolerance/Performance
HS Leaded 4 pin (14 pin)
0 ±100ppm 0-70°C
SM Leaded 4 pin (14 pin) SMD
1 ±50ppm 0-70°C
Gull Wing
7 ±25ppm 0-70°C
Input Voltage
9 Customer Specific
Code Specification
A ±20ppm 0-70°C
A
3.3V
B ±50ppm -40 to +85°C
5V
C ±100ppm -40 to +85°C
Creating a Part Number
Data Sheet 9420C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com