Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4162EUFD-FST#TRPBF Datasheet(PDF) 40 Page - Analog Devices

Part # LTC4162EUFD-FST#TRPBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162EUFD-FST#TRPBF Datasheet(HTML) 40 Page - Analog Devices

Back Button LTC4162EUFD-FST#TRPBF Datasheet HTML 36Page - Analog Devices LTC4162EUFD-FST#TRPBF Datasheet HTML 37Page - Analog Devices LTC4162EUFD-FST#TRPBF Datasheet HTML 38Page - Analog Devices LTC4162EUFD-FST#TRPBF Datasheet HTML 39Page - Analog Devices LTC4162EUFD-FST#TRPBF Datasheet HTML 40Page - Analog Devices LTC4162EUFD-FST#TRPBF Datasheet HTML 41Page - Analog Devices LTC4162EUFD-FST#TRPBF Datasheet HTML 42Page - Analog Devices LTC4162EUFD-FST#TRPBF Datasheet HTML 43Page - Analog Devices LTC4162EUFD-FST#TRPBF Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
40
LTC4162-F
Rev A
For more information www.analog.com
Symbol Name
Command
Code
Access
Bit
Range
Default Description
charge_current_
setting
0x1A
R/W
[4:0]
31
Controls the target charge current regulation servo level. The charge current is regulated
by servoing the voltage across an external current sense resistor, RSNSB, between the
CSP and CSN pins. The servo voltage is given by (charge_current_setting + 1) × 1mV. The
effectivechargecurrent,determinedbytheexternalresistor,RSNSB,isgivenby(charge_
current_setting + 1) × 1mV / RSNSB. icharge_dac will follow charge_current_setting
unless thermal_reg_active is true or the JEITA algorithm, with en_jeita, has altered it.
vcharge_setting
0x1B
R/W
[4:0]
31
Controls the final charge voltage regulation servo level. To maintain inherent over-
charge protection, only LiFePO4 appropriate charge voltage values can be selected. The
charge voltage setting can be computed from cell_count × (vcharge_setting × 12.5mV
+ 3.4125V) where vcharge_setting also ranges from 0 to 31 (3.8V max). vcharge_dac
will follow vcharge_setting unless the advanced JEITA temperature control system
(en_jeita) has altered it.
Enums: vcharge_lifepo4_default = 31,
vcharge_lifepo4_3p6v = 15
c_over_x_
threshold
0x1C
R/W
[15:0]
2184
Signed number that sets the ibat A/D value used to qualify C/x detection and termination.
The C/x level is based on the value for ibat which has a scaling factor of 1.466µV /
RSNSB amperes/LSB. For example, to make the C/x level C/10 (a very common choice)
then c_over_x_threshold should be set to c_over_10 which is 10% of the maximum
possible ibat reading (32mV × 37.5 × 18,191 / 10). 32mV is the full scale charge current
signal from CSP to CSN, 37.5 is the internal charge amplifier's gain and 18,191 is the
A/D's span term in counts per Volt.
Enum: c_over_10 = 2184
max_cv_time
0x1D
R/W
[15:0]
3600
Sets the constant-voltage termination setting against which the tcvtimer is compared.
The timer begins at the onset of the constant_voltage phase of charging and increments
at one count per second. The default setting is 3,600 (1 hour). Setting this value to 0
disables the constant-voltage termination feature.
Enums: cvtimer_disabled = 0,
30mins = 1800,
1hour_default = 3600,
2hours = 7200,
4hours = 14400
max_charge_time
0x1E
R/W
[15:0]
0
Setsthetotalchargetimeterminationsettingagainstwhichthetchargetimeriscompared.
The default value of 0 disables the total charge time feature and prevents the tchargetimer
from running. If enabled with a non zero value, the tchargetimer begins counting at the
onset of a charge cycle and increments at one count per minute.
Enum: maxchargetime_disable = 0
jeita_t1
0x1F
R/W
[15:0]
16117
Signed number that sets the JEITA temperature region transition temperature T1 between
JEITA regions R1 and R2. The temperature is based on the thermistor reading from the
telemetrysystem;RNTC=RNTCBIAS×(21829-thermistor_voltage)/thermistor_voltage.
Recall that the thermistor has a negative temperature coefficient so jeita_t1, representing
colder temperatures, will have the highest value and jeita_t6, representing warmer
temperatures, will have the lowest value. The default value of 16117 maps to about 0°C
for the expected thermistor β value of 3490K.
jeita_t2
0x20
R/W
[15:0]
14113
Signed number that sets the JEITA temperature region transition temperature T2 between
JEITA regions R2 and R3. The temperature is based on the thermistor reading from the
telemetrysystem;RNTC=RNTCBIAS×(21829-thermistor_voltage)/thermistor_voltage.
Recall that the thermistor has a negative temperature coefficient so jeita_t1, representing
colder temperatures, will have the highest value and jeita_t6, representing warmer
temperatures, will have the lowest value. The default value of 14113 maps to about 10°C
for the expected thermistor β value of 3490K.
REGISTER DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com