Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4162EUFD-FST#TRPBF Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4162EUFD-FST#TRPBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162EUFD-FST#TRPBF Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4162EUFD-FST#TRPBF Datasheet HTML 7Page - Analog Devices LTC4162EUFD-FST#TRPBF Datasheet HTML 8Page - Analog Devices LTC4162EUFD-FST#TRPBF Datasheet HTML 9Page - Analog Devices LTC4162EUFD-FST#TRPBF Datasheet HTML 10Page - Analog Devices LTC4162EUFD-FST#TRPBF Datasheet HTML 11Page - Analog Devices LTC4162EUFD-FST#TRPBF Datasheet HTML 12Page - Analog Devices LTC4162EUFD-FST#TRPBF Datasheet HTML 13Page - Analog Devices LTC4162EUFD-FST#TRPBF Datasheet HTML 14Page - Analog Devices LTC4162EUFD-FST#TRPBF Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
11
LTC4162-F
Rev A
For more information www.analog.com
PIN FUNCTIONS
NTC (Pin 10): Thermistor input. The NTC pin connects to
a negative temperature coefficient thermistor to monitor
the temperature of the battery. The voltage on this pin
is digitized by the analog to digital converter to qualify
battery charging and is available for readout via the I2C
port. A low drift bias resistor is required from NTCBIAS
to NTC and a thermistor is required from NTC to ground.
RT (Pin 11): Switching regulator frequency control pin.
The RT pin controls the switching regulator's internal
oscillator frequency by placing a resistor from RT to GND.
SMBALERT (Pin 12): Interrupt output. This open drain
output pulls low when one or more of the programmable
alerts is triggered.
SCL (Pin 13): Open drain clock input for the I2C port. The
I2C port input levels are scaled with respect to DVCC for
I2C compliance.
SDA (Pin 14): Open drain data input/output for the I2C
port. The I2C port input levels are scaled with respect to
DVCC for I2C compliance.
DVCC (Pin 15): Logic supply for the I2C port. DVCC sets the
reference level of the SDA and SCL pins for I2C compli-
ance. It should be connected to the same power supply
as the SDA and SCL pull up resistors.
SYNC(Pin16):Optionalexternalclockinputfortheswitch-
ing battery charger. The switching battery charger will
lock to a square wave or pulse on this pin that is close to
the frequency programmed by the RT pin. Ground SYNC
if this feature is not needed.
CELLS0 (Pin 17): Cell count selection pin. Used in com-
bination with CELLS1, this pin sets the total number of
series cells to be charged. The pin should be strapped to
either INTVCC, VCC2P5 or GND to represent one of three
possible states. See Table 5.
CELLS1 (Pin 18): Cell count selection pin. Used in com-
bination with CELLS0, this pin sets the total number of
series cells to be charged. The pin should be strapped to
either INTVCC, VCC2P5 or GND to represent one of three
possible states. See Table 5.
BATSENS+ (Pin 19): Positive terminal battery sense pin.
BATSENS+shouldKelvinsensethepositiveterminalofthe
battery for optimized charging. A 10µF multilayer ceramic
capacitor is required from BATSENS+ to ground.
CSN (Pin 20): Connection point for the negative terminal
of the current sense resistor used to measure and limit
charge current.
CSP (Pin 21): Connection point for the positive terminal
of the current sense resistor used to measure and limit
charge current.
BATFET (Pin 22): Gate control pin for a reverse blocking
externalN-channelMOSFETbetweenthebatteryandVOUT.
PGND(Pins23,24):Powergroundpins.Thesepinsshould
be connected to a copper pour that forms the return for
the VOUT bypass capacitor on the top layer of the printed
circuit board.
SW (Pin 25, 26): Switching regulator power transmission
pins. The SW pins deliver power from the VOUT pins to the
battery via the step-down switching regulator. An inductor
should be connected from SW to a sense resistor at CSP.
See the Applications Information section for a discussion
of inductor value and current rating.
VOUT (Pin 27, 28): Switching regulator input pins. The
VOUT pins deliver power to the switching charger. Having
extremely high frequency current pulses, bypassing of
the VOUT pins should take precedence over all other PCB
layout considerations. A bypass capacitor of 10µF is a
good starting point.
AGND (Exposed PAD, Pin 29): Analog ground pin. This
is the ground pin used to return all of the analog circuitry
inside the LTC4162 and should be connected to an analog
ground pour that is common with PGND (pins 23 and 24).
It should also be connected to a ground plane on layer 2
of the PCB to which all of the analog components return
such as the RT resistor and the INTVCC and VCC2P5 by-
pass capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com