Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPPM Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LPPM
Description  RoHS Compliant Halogen Free REACH Compliant
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LPPM Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LPPM Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LPPM Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LPPM Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LPPM Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LPPM Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LPPM Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LPPM Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LPPM Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LPPM Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
■ Dimensions
■ Recommended Land Pattern
unit:mm
unit:mm
■ Electrical Characteristics
Test Freq.
RDC
Min.
Typ.
(mΩ)Max.
LPPM00070638101XZ0
100
140
100 MHz,0.5 V
10
9
10
80
101
LPPM00070638301XZ0
225
300
100 MHz,0.5 V
10
5
10
80
301
LPPM00070638701XZ0
500
700
100 MHz,0.5 V
15
4
10
80
701
LPPM00070638102XZ0
800
1020
100 MHz,0.5 V
17
3
10
80
102
LPPM00070638132XZ0
910
1300
100 MHz,0.5 V
21
2.5
10
80
132
LPPM00070638272XZ0
2000
2700
100 MHz,0.5 V
63
1
10
80
272
LPPM00070638302XZ0
2500
3000
100 MHz,0.5 V
75
0.9
10
80
302
2. Rated Current: Based on temperature rise (△T:40℃ Typ.)
3. Measure Equipment:
Z : HP 4291B IMPEDANCE ANALYZER (or equivalent)
RDC : CHROMA MODEL 16502 MILLIOHMMETER (or equivalent)
Rated Current : WK3255BQ+ WK3265B (or equivalent)
I.R : CHROMA MODEL 19073 AC/DC/IR HIPOT TESTER (or equivalent)
Rated
Voltage
(V) Max
Marking
1. Operating temperature range -50℃~150℃(Including self - temperature rise)
LPPM00070638 - Z0 Type
Part No.
Impedance(Ω)
Rated
Current
(A) Max
Insulation
Resistance
(MΩ) Min
LPPM Series
Rev :
www.leiditech.com
01.06.2018
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com