Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPPM Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LPPM
Description  RoHS Compliant Halogen Free REACH Compliant
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LPPM Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LPPM Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LPPM Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LPPM Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LPPM Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LPPM Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LPPM Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LPPM Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LPPM Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LPPM Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RoHS Compliant
Halogen Free
REACH Compliant
■ Part Numbering
L
PPM
Y0
070638 7x6x3.8
800
80Ω
Y0
090748 9x7x4.8
101
100Ω
Z0
121165 12x10.8x6.5
701
500Ω
151365 15x13x6.5
Series Name
Control Code
00
Internal Code
Grade
Tolerance
X
(mm)
070638
Dimensions Code
Impedance
(Ω) Min
800
LPPM Series
Rev :
www.leiditech.com
01.06.2018
1/10


Similar Part No. - LPPM

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
LPP-100 ASTRODYNE-LPP-100 Datasheet
412Kb / 2P
100W Single Output with PFC Function
logo
Mean Well Enterprises C...
LPP-100 MEANWELL-LPP-100 Datasheet
335Kb / 2P
100W Single Output with PFC Function
LPP-100 MEANWELL-LPP-100 Datasheet
338Kb / 2P
100W Single Output with PFC Function
logo
Astrodyne Corporation
LPP-100-12 ASTRODYNE-LPP-100-12 Datasheet
412Kb / 2P
100W Single Output with PFC Function
logo
Mean Well Enterprises C...
LPP-100-12 MEANWELL-LPP-100-12 Datasheet
335Kb / 2P
100W Single Output with PFC Function
More results

Similar Description - LPPM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7749L1PBF IRF-IRF7749L1PBF Datasheet
275Kb / 10P
RoHS Compliant, Halogen Free
logo
YAGEO Corporation
PF2512FKF070R01L YAGEO-PF2512FKF070R01L Datasheet
332Kb / 10P
RoHS compliant & Halogen free
logo
Advanced Power Electron...
AP1332GEU-HF A-POWER-AP1332GEU-HF_16 Datasheet
64Kb / 5P
RoHS Compliant & Halogen-Free
AP2301AGN-HF A-POWER-AP2301AGN-HF_16 Datasheet
66Kb / 5P
RoHS Compliant & Halogen-Free
AP95T10GP-HF A-POWER-AP95T10GP-HF_16 Datasheet
67Kb / 5P
RoHS Compliant & Halogen-Free
AP97T07GP-HF A-POWER-AP97T07GP-HF_16 Datasheet
99Kb / 5P
RoHS Compliant & Halogen-Free
AP9440GYT-HF A-POWER-AP9440GYT-HF_16 Datasheet
61Kb / 5P
RoHS Compliant & Halogen-Free
AP2625GY-HF A-POWER-AP2625GY-HF_16 Datasheet
68Kb / 5P
RoHS Compliant & Halogen-Free
AP4224LGM A-POWER-AP4224LGM_16 Datasheet
113Kb / 6P
RoHS Compliant & Halogen-Free
logo
Shanghai Leiditech Elec...
SMD2920P100TF-60 LEIDITECH-SMD2920P100TF-60 Datasheet
424Kb / 4P
RoHS Compliant & Halogen Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com