Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HCM
Description  High enerhy absorption cylinder, double acting/single rod type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HCM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HCM Datasheet HTML 1Page - List of Unclassifed Manufacturers HCM Datasheet HTML 2Page - List of Unclassifed Manufacturers HCM Datasheet HTML 3Page - List of Unclassifed Manufacturers HCM Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SCP * 2
CMK2
CMA2
SCM
SCA2
SCS
CKV2
CAT
MDC2
MVC
SMD2
SSD
FC *
JSB3
UCAC
LCS
LCY
STR2
UCA2
STK
USSD
USC
MFC
GLC
SHC
CAC3
HCM
HCA
MRL2
SRL2
SRG
SRM
SRT
SRB2
CAV2/
COV * 2
MSD/
MSDG
ULKP/
ULK
JSK2/
JSM2
STS/
STL
SSD
(large)
JSC3
(medium)
JSC3
(large)
1419
HCM Series
Specifications
-
-
Descriptions
Applications
Power voltage
Load voltage
Load current
Light
Reed 2 wire
Programmable controller
-
DC10 to 30V
5 to 20mA (Note 1)
DC12/24V
5 to 50mA
AC110V
7 to 20mA
DC5/12/24V
50mA or less
AC110V
20mA or less
Programmable controller,
relay
DC10 to 28V
DC30V or less
Programmable controller,
relay
Programmable controller, relay IC circuit
(without indicator light), serial connection
Proximity 2 wire
Proximity 3 wire
T2H/T2V/T2JH/T2JV T2YH/T2YV
T3H/T3V
T3YH/T3YV
T0H/T0V
T5H/T5V
-
LED (ON lighting)
LED (ON lighting)
LED (ON lighting)
Red/green LED (ON lighting)
Red/green LED (ON lighting)
100mA or less 50mA or less
• Strong magnetic field
Descriptions
Applications
Light
Load voltage
Load current
Internal voltage drop
Leakage current
Programmable controller
Red/green LED (ON lighting)
DC24V
±10%
5 to 20mA
6V or less
1.0mA or less
Proximity switch
T2YD
• With preventive maintenance output
Descriptions
Applications
Programmable controller
-
DC10 to 30V
DC5 to 20mA
DC20mA or less
Programmable controller
-
DC10 to 30V
DC5 to 20mA
DC5 to 20mA or less
Programmable controller,
relay
DC10 to 28V
DC30V or less
DC50mA or less
DC50mA or less
Programmable controller,
relay
DC10 to 28V
DC30V or less
DC50mA or less
DC50mA or less
T2YFH/V
T3YFH/V
T2YMH/V
T3YMH/V
Red/green LED (ON lighting)
DC30V or less
Yellow LED (ON lighting)
Note 1: Max. load current : 20mA above is the value at 25
°C. When ambient temperature around a switch is higher than 25 °C, the value is lower than 20mA. (5 to 10mA at 60 °C).
Current voltage
Load voltage
Load current
Load voltage
Load current
Preventive
maintenance
output
Proximity 3 wire
Proximity 4 wire
Proximity 3 wire
Proximity 4 wire
Switch specifications
• One color/bi-color indicator
Installation position
adjustment
Preventive maintenance
output



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com