Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HCM
Description  High enerhy absorption cylinder, double acting/single rod type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HCM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HCM Datasheet HTML 1Page - List of Unclassifed Manufacturers HCM Datasheet HTML 2Page - List of Unclassifed Manufacturers HCM Datasheet HTML 3Page - List of Unclassifed Manufacturers HCM Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1420
HCM Series
A
How to order
Without switch
With switch
Mounting style
C
Cushion
E
Switch model No.
G
Option
H
Accessory
F
Switch quantity
D
Stroke length
<Example of model number>
HCM-LB-40B-500-T2H-D-QI
Model: High energy absorption cylinder, double acting
Mounting style
: Axial foot type
Bore size
: 40 mm
Cushion
: Both sides cushion
Stroke length
: 500 mm
Switch model No.: Proximity T2H switch, lead wire 1m
Switch quantity
: Two
Option
: Switch rail attached at shipment
Accessory
: Rod eye
A
B
C
D
E
F
G
H
LB
40
500
T2H *
Q
B
DI
LB
40
500
HCM
HCM
BI
B
Bore size
Lead wire
Straight type
T0H *
T5H *
T2H *
T3H *
T2YH *
T3YH *
T2YFH *
T3YFH *
T2YMH *
T3YMH *
T2YD *
T2YDT *
T2JH *
Lead wire
Radial type
T0V *
T5V *
T2V *
T3V *
T2YV *
T3YV *
T2YFV *
T3YFV *
T2YMV *
T3YMV *
-
-
T2JV *
1 color indicator
1 color indicator
2 color indicator
With preventive
maintenance
output
Strong magnetic
field proof switch
Off delay type
200
250
300
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
200
250
300
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
Bore size (mm)
20
25
32
40
50
63
Indicator
Lead
wire
2 wire
2 wire
3 wire
2 wire
3 wire
3 wire
4 wire
3 wire
4 wire
2 wire
2 wire
Symbol
Descriptions
00
LB
FA
FB
20
25
32
40
50
63
B
R
H
N
Blank
3
5
R
H
D
T
4
5
Q
M
I
Y
Mounting style
A
Basic type
Axial foot type
Rod side flange type
Head side flange type
20 dia.
25 dia.
32 dia.
40 dia.
50 dia.
63 dia.
Both sides cushion
Rod side cushion
Head side cushion
No cushion
1m (standard)
3m (option)
5m (option)
One on rod side
One on head side
Two
Three
4
5
Switch rail attached at shipment
Piston rod material (stainless steel)
Rod eye
Rod clevis
Bore size (mm)
B
Cushion
C
Stroke length (mm)
D
Switch model No.
E
* Lead wire length
Switch quantity
F
Option
G
Accessory
H
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com