Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWPR1516CFM Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MWPR1516CFM
Description  MWPR1516 16 KB Flash 24 MHz Cortex-M0 Based Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1516CFM Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MWPR1516CFM Datasheet HTML 3Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 4Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 5Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 6Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 7Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 8Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 9Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 10Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
General
Nonswitching electrical specifications
2.1.1 DC electrical characteristics
This section includes information about power supply requirements and I/O pin
characteristics.
Table 2. DC characteristics
Symbol
Descriptions
Min.
Typical1
Max.
Unit
—
Operating voltage
—
3.13
—
5.5
V
VOH
Output high
voltage
All I/O pins, standard-
drive strength
5 V, Iload = -5
mA
VDD – 0.8
—
—
V
IOHT
Output high
current
Max total IOH for all
ports
5 V
—
—
-100
mA
VOL
Output low
voltage
All I/O pins, standard-
drive strength
5 V, Iload = 5
mA
—
—
0.8
V
IOLT
Output low
current
Max total IOL for all
ports
5 V
—
—
100
mA
VIH
Input high
voltage
All digital inputs
VDD > 4.5 V
0.70 × VDD
—
—
V
VIH
Input high
voltage
All digital inputs
3.13 V <VDD
≤ 4.5 V
0.75 × VDD
—
—
V
VIL
Input low
voltage
All digital inputs
3.13 V <VDD
≤ 4.5 V
—
—
0.30 × VDD
V
VIL
Input low
voltage
All digital inputs
VDD > 3.3 V
—
—
0.35 × VDD
V
Vhys
Input
hysteresis
All digital inputs
—
0.06 × VDD
—
—
mV
|IIn|
Input leakage
current
All input only pins (per
pin)
VIN = VDD or
VSS
—
0.1
1
µA
|IOZ|
Hi-Z (off-state)
leakage
current
All input / output (per
pin)
VIN = VDD or
VSS
—
0.1
1
µA
|IOZTOT|
Total leakage
combined for
all inputs and
Hi-Z pins
All input only and I/O VIN = VDD or
VSS
—
—
2
µA
Table continues on the next page...
2
2.1
General
MWPR1516 16 KB Flash, Rev2, 1/2015.
7
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com